データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH34TCG-R

  • AI
    Based on the technical specifications for high-performance motion control, the **MH34TCG-R** generally refers to a specific series of **Gearboxes (Reducers)** designed to be paired with high-torque NEMA 34 Stepper Motors or Servo Motors. Below is a detailed breakdown of its electronic and mechanical integration components. --- ### 1. Technical Specifications Overview The "34" in the part number typically signifies the **NEMA 34** frame size (approx. 86mm x 86mm). These units are high-precision planetary reducers used to increase torque and decrease output speed. | Feature | Specification | | :--- | :--- | | **Frame Size** | NEMA 34 (86mm) | | **Gear Type** | Planetary Gearbox | | **Backlash** | Often < 15-20 arc-min (Precision Grade) | | **Standard Ratios** | 3:1, 5:1, 10:1, 20:1, 50:1, 100:1 | | **Input Shaft Diameter** | Usually 14mm (Standard for NEMA 34) | | **Protection Rating** | IP65 (depending on manufacturer) | --- ### 2. Electronic Integration Components While the MH34TCG-R itself is a mechanical component, it functions as part of an electronic motion system. To operate it, you require the following electronic parts: #### A. The Drive Motor (NEMA 34) The gearbox is coupled to a motor. Common electronic specs for a compatible motor include: * **Step Angle:** 1.8° or 0.9°. * **Phase Current:** Usually 4.0A to 6.0A. * **Holding Torque:** Base motor torque is multiplied by the gear ratio (minus efficiency losses). #### B. Stepper/Servo Driver To control the motor attached to the MH34TCG-R, you need a high-voltage driver: * **Voltage Range:** 24VDC to 80VDC (or AC powered for high-speed applications). * **Microstepping:** Used to achieve high resolution. With a 10:1 gearbox and 1600 steps/rev setting, the output resolution becomes 16,000 steps/rev. #### C. Control Signal Interface The driver receives signals from a PLC or Microcontroller (Arduino, ESP32, Mach3) via: * **PUL/DIR:** Pulse and Direction signals. * **ENA:** Enable/Disable signal. --- ### 3. Connection Pinout Logic (Typical) If the MH34TCG-R is sold as an integrated unit (Motor + Gearbox), the wiring usually follows this standard 4-wire bipolar configuration: ```yaml Motor Wiring: - Phase A+: Red Wire - Phase A-: Blue Wire - Phase B+: Green Wire - Phase B-: Black Wire ``` --- ### 4. Key Benefits in Electronic Systems 1. **Torque Multiplication:** Allows smaller electronic drivers to move much heavier loads by trading speed for power. 2. **Inertia Matching:** In the electronic control loop, the gearbox helps match the load inertia to the motor inertia, preventing "hunting" or resonance issues in servo systems. 3. **Position Maintenance:** The mechanical resistance of the planetary gears helps maintain position when the electronic "Hold" current is applied. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact gear ratio for your specific MH34TCG-R model?
    • ⤷ Are you using this with a Stepper Motor or a Brushless Servo Motor?
    • ⤷ Do you need a wiring diagram for a specific NEMA 34 driver?