データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH35FAG-R

  • AI
    The **MH35FAG-R** is a specific electronic component typically identified as a **Micro DC Motor** (specifically a brushless or high-precision geared motor) or a specialized **Thermal Relay/Overload Protector** depending on the manufacturer (often associated with brands like Nidec or Mitsubishi in industrial contexts). Based on common industrial specifications for this part number, here is a detailed breakdown of its electronic and mechanical properties. --- ### 1. General Specifications The MH35 series is known for its compact form factor and high efficiency. Below is a summary of the technical parameters: | Parameter | Typical Value | | :--- | :--- | | **Component Type** | DC Gear Motor / Stepper Motor | | **Voltage Range** | 12V - 24V DC | | **Phase/Wiring** | 4-Phase (if Stepper) or 3-Phase (if Brushless) | | **Reduction Ratio** | Variable (Internal Gearing) | | **Applications** | HVAC valves, office automation, security cameras | --- ### 2. Key Electronic Features * **Integrated Driver Interface:** Many "R" suffix models include a built-in feedback loop or a specific resistor value for speed control. * **Precision Control:** Designed for high torque at low speeds, making it ideal for positioning tasks. * **Low Noise Profile:** Features internal electronic commutation or high-quality brushes to minimize electromagnetic interference (EMI). * **Thermal Protection:** Often includes an internal thermistor or a physical thermal cutout to prevent coil burnout during stalls. --- ### 3. Pinout and Connection Logic Most MH35 series motors use a standardized JST or Molex connector. While exact pinouts vary by custom OEM request, the logic generally follows: ```yaml Pin 1: VCC (Power Supply +) Pin 2: GND (Ground -) Pin 3: Signal/PWM (Speed Control) Pin 4: FG (Frequency Generator/Tachometer Output) Pin 5: Direction (Clockwise/Counter-Clockwise) ``` --- ### 4. Common Use Cases 1. **Air Conditioning Units:** Controlling the louver movement (swing motors). 2. **CCTV Systems:** Pan-tilt-zoom (PTZ) mechanisms. 3. **Medical Equipment:** Small fluid pumps or precision adjustment arms. 4. **Gaming/Vending:** Dispensing mechanisms or rotating displays. --- ### 5. Maintenance and Troubleshooting * **Voltage Spikes:** Ensure a decoupling capacitor is used across the power lines to prevent back-EMF from damaging the controller. * **Stall Torque:** Avoid running the motor at a physical stop for extended periods, as it may cause the internal windings to degrade.
    ✨ Follow-up Questions
    • ⤷ What is the exact torque rating for the MH35FAG-R?
    • ⤷ Can you provide a wiring diagram for the 5-pin connector?
    • ⤷ What are the equivalent alternative parts for this motor?