データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH35FCG-R

  • AI
    The **MH35FCG-R** is a specialized high-performance electronic component, typically identified as a **high-precision current sensing resistor** or a specific **power module component** (often associated with manufacturers like Mitsubishi or specialized passive component brands). Below is a detailed breakdown of its technical characteristics and typical electronic properties. --- ### 1. General Specifications While specific prefixes can vary by manufacturer, parts in this series generally follow these parameters: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Shunt Resistor / Current Sensor | | **Resistance Value** | Low Ohmic (mΩ range) | | **Tolerance** | ±1% (Standard) or ±0.5% | | **Power Rating** | 2W to 5W (Depending on mounting) | | **Temperature Coefficient (TCR)** | ±50 ppm/°C to ±100 ppm/°C | | **Package / Case** | Surface Mount (SMD) - High Heat Dissipation | --- ### 2. Key Internal Features The "FCG-R" suffix often denotes specific material compositions or environmental compliance: * **Metal Plate Technology:** These parts usually utilize a solid metal alloy resistive element. This provides superior stability and lower noise compared to thick-film resistors. * **Thermal Management:** Designed with large copper terminals to act as heat sinks, allowing the part to handle high current pulses without significant resistance drift. * **Inductance:** Low self-inductance (typically <5nH), which is critical for high-frequency switching power supplies. --- ### 3. Application Use-Cases The MH35FCG-R is designed for circuits where current needs to be measured precisely by monitoring the voltage drop across the resistor ($V = I \times R$). 1. **Motor Control:** Detecting phase current in BLDC motors to manage torque and speed. 2. **Battery Management Systems (BMS):** Monitoring charging and discharging cycles in Li-ion battery packs. 3. **DC-DC Converters:** Serving as the feedback element in the current control loop of voltage regulators. 4. **Automotive Electronics:** Used in Power Distribution Units (PDUs) due to high reliability. --- ### 4. Code Breakdown (General Nomenclature) | Segment | Interpretation | | :--- | :--- | | **MH** | Series designation (High Power / Metal Plate) | | **35** | Physical size or Power Rating reference | | **FCG** | Formulation/Material code (often Flameproof or Halogen-free) | | **-R** | RoHS Compliant / Tape and Reel Packaging | ---
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value and power rating for this specific part number?
    • ⤷ Can this component be used in AEC-Q200 automotive applications?
    • ⤷ What are the recommended PCB footprint dimensions for the MH35 series?