AI

The **MH35TAG-R** refers to a high-precision, wireless absolute encoder or manual pulse generator (MPG) component, frequently used in CNC machinery and industrial automation. Below is a breakdown of its electronic parts and functional characteristics.
---
## 1. Core Electronic Components
The device is composed of several critical electronic subsystems that allow it to translate physical rotation into digital data.
| Component Type | Description | Function |
| :--- | :--- | :--- |
| **Optical/Magnetic Sensor** | High-resolution scanning disk or magnetic array. | Detects the rotational movement of the dial. |
| **Encoder ASIC** | Application-Specific Integrated Circuit. | Processes raw sensor signals into digital pulses. |
| **Wireless Module** | RF Transceiver (usually 2.4GHz). | Transmits the data to the CNC controller without cables. |
| **Microcontroller (MCU)** | Low-power CPU. | Manages power, signal debounce, and communication protocols. |
| **Power Management** | Voltage regulators and battery protection. | Manages DC power (typically 3V or 5V via batteries). |
---
## 2. Technical Specifications
The electronics are designed for high reliability in environments with electromagnetic interference (EMI).
* **Resolution:** Usually provides 100 pulses per revolution (PPR).
* **Signal Output:** A, B phase (quadrature signals) for direction and speed detection.
* **Transmission Range:** Typically 10 to 50 meters depending on obstacles.
* **Frequency Hopping:** Many "R" (Receiver) versions use FHSS (Frequency-Hopping Spread Spectrum) to prevent interference from other wireless devices.
---
## 3. Signal Interface and Wiring
The receiver unit connected to the CNC controller typically features a specific pinout:
```yaml
Pinout_General:
VCC: Power supply input (usually 5V or 12V-24V DC)
0V: Ground
A/B: Phase signals for pulse counting
A-/B-: Differential signals (for noise immunity)
Emergency_Stop: Dedicated circuit for safety override
Axis_Select: Digital inputs for X, Y, Z, 4, 5, 6 selection
```
---
## 4. Operational Features
1. **Anti-Interference Electronics:** Built-in hardware filters to prevent "ghost pulses" caused by nearby motors or high-voltage lines.
2. **Low Power Consumption:** The electronic design focuses on battery longevity, often including a "Sleep Mode" when the dial is stationary.
3. **LED Indicators:** Electronic status lights for Link (connection), Low Battery, and Signal strength.
- ⤷What is the typical battery life for the MH35TAG-R transmitter?
- ⤷ How do you sync the wireless receiver with the manual pulse generator?
- ⤷ Which CNC controllers are most compatible with this specific model?