AI

## Analysis of the MH36FBD-R Component
The **MH36FBD-R** is a specific electronic component typically identified as a **Hall Effect Latch Sensor** or a **Magnetic Proximity Switch**, often manufactured by companies like Magnesensor Technology (MST) or similar semiconductor firms specializing in magnetic sensing.
### 1. Technical Specifications
Below are the primary electronic specifications typically associated with this part number:
| Parameter | Value | Unit |
| :--- | :--- | :--- |
| **Supply Voltage (Vcc)** | 3.0 to 24 | Volts (DC) |
| **Output Type** | Open-Drain / Sink | - |
| **Magnetic Type** | Latch (Sensing North/South) | - |
| **Operating Current** | 2.5 - 5.0 | mA |
| **Output Current (Max)** | 25 - 50 | mA |
| **Operating Temperature** | -40 to +125 | °C |
| **Package Style** | SOT-23 (Surface Mount) | - |
---
### 2. Functional Description
The MH36FBD-R operates based on the Hall Effect. It contains a voltage regulator, a Hall-voltage generator, a small-signal amplifier, Schmitt trigger, and an open-drain output driver.
* **Latching Behavior:** Unlike a standard switch, a "Latch" requires a South pole to turn the output ON and a North pole to turn the output OFF. It "remembers" its state even if the magnet is removed, until a pole of opposite polarity is applied.
* **Protection:** Most modern versions include reverse battery protection and a temperature compensation circuit to ensure stability in automotive or industrial environments.
---
### 3. Pinout Configuration
Typically, for the **SOT-23** package (the most common for the "R" suffix), the pins are defined as follows:
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 1 | **VCC** | Input Supply Voltage |
| 2 | **OUT** | Output (Requires Pull-up Resistor) |
| 3 | **GND** | Ground Connection |
---
### 4. Typical Application Circuit
The output is usually an **Open-Drain**, meaning it requires an external pull-up resistor to function correctly with microcontrollers like Arduino or ESP32.
```cpp
// Example: Connecting MH36FBD-R to a Microcontroller
// VCC -> 5V
// GND -> GND
// OUT -> Pin D2 (with a 10k Ohm pull-up resistor to 5V)
void setup() {
pinMode(2, INPUT);
Serial.begin(9600);
}
void loop() {
int sensorState = digitalRead(2);
if (sensorState == LOW) {
Serial.println("South Pole Detected (ON)");
} else {
Serial.println("North Pole Detected (OFF)");
}
}
```
---
### 5. Common Use Cases
* **BLDC Motors:** Used for commutation to detect the position of the rotor.
* **Speed Sensing:** Measuring RPM (Revolutions Per Minute) in fans or wheels.
* **Security Systems:** Detecting if a door or window is closed.
* **Position Sensing:** Used in industrial automation for limit switching.
- ⤷What is the required value for the pull-up resistor on the OUT pin?
- ⤷ How does a Hall Effect Latch differ from a Unipolar Hall sensor?
- ⤷ Can the MH36FBD-R handle voltages higher than 24V?