MH38FAG-R
AI

The **MH38FAG-R** is a specific electronic component, typically categorized as an **Electromagnetic Passive Buzzer** or an **Audio Transducer**, often used in automotive and industrial electronics.
Below is a detailed breakdown of its technical specifications and electronic characteristics.
---
### 1. General Specifications
The MH38FAG-R is designed to convert electrical signals into sound via an internal electromagnetic coil and a vibrating metal diaphragm.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Electromagnetic Transducer (Passive) |
| **Rated Voltage** | 1.5V - 12V DC (depending on circuit) |
| **Current Consumption** | Max 30mA - 40mA |
| **Resonant Frequency** | ~2,000 Hz to 2,700 Hz |
| **Sound Pressure Level** | ≥ 85 dB at 10cm |
| **Mounting Type** | Through-hole (DIP) |
---
### 2. Internal Electronic Parts
The device consists of several key physical and electronic elements:
* **Electromagnetic Coil:** A coil of fine copper wire that generates a magnetic field when current passes through it.
* **Permanent Magnet:** Provides a static magnetic field to interact with the coil's field.
* **Diaphragm:** A thin metallic plate (often iron) that moves back and forth rapidly to create sound waves.
* **Housing:** Usually a PBT (Polybutylene terephthalate) plastic shell designed to resonate at a specific frequency to amplify the sound.
---
### 3. Driving Circuitry (How to use it)
Since this is a **Passive** part (Transducer), it does not have an internal oscillator. You cannot simply apply a DC voltage to make it sound; it requires a square wave signal.
#### Example Connection Diagram
To drive this component using a microcontroller (like an Arduino or ESP32), a transistor is required because the current draw is higher than a standard GPIO pin can provide.
```cpp
// Example Arduino Code to drive MH38FAG-R
int buzzerPin = 9;
void setup() {
pinMode(buzzerPin, OUTPUT);
}
void loop() {
tone(buzzerPin, 2400); // Send a 2.4kHz square wave
delay(500); // Sound for 0.5 seconds
noTone(buzzerPin); // Silence
delay(500);
}
```
---
### 4. Application Areas
* **Automotive:** Turn signal indicators, reverse sensors, or dashboard alerts.
* **Appliances:** Microwave "end of cycle" beepers or washing machine alerts.
* **Medical Devices:** Heart rate monitors or error indicators.
- ⤷
What is the difference between this passive transducer and an active buzzer?
- ⤷ Can I drive the MH38FAG-R directly from a 3.3V GPIO pin without a transistor?
- ⤷ What is the recommended resonant frequency for maximum volume on this model?