データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH41FAD-R

  • AI
    The **MH41FAD-R** is a high-performance, high-sensitivity **Hall Effect Sensor IC**. It is primarily designed for non-contact magnetic sensing, commonly used in brushless DC (BLDC) motors and position detection systems. ### 1. Key Technical Specifications The following table summarizes the primary electrical and operating characteristics: | Parameter | Specification | Unit | | :--- | :--- | :--- | | **Supply Voltage (Vcc)** | 3.5 to 24 | V | | **Output Type** | Open Collector (Digital) | - | | **Magnetic Type** | Unipolar Hall Effect | - | | **Operating Current** | 5.0 (Typical) | mA | | **Output Current** | 25 (Maximum) | mA | | **Operating Temperature** | -40 to +125 | °C | | **Package Type** | TO-92S / SOT-23 | - | --- ### 2. Core Functional Components The MH41FAD-R consists of several internal electronic stages integrated into a single silicon chip: * **Voltage Regulator:** Allows the device to operate across a wide input range (3.5V to 24V) while maintaining internal stability. * **Hall-Voltage Generator:** The primary transducer that converts magnetic flux density into an analog voltage via the Hall effect. * **Small-Signal Amplifier:** Since the Hall voltage is extremely weak, this circuit boosts the signal for processing. * **Schmitt Trigger:** Provides "hysteresis" to the signal. This prevents "chatter" (rapid switching) when the magnetic field is near the threshold, ensuring a clean digital transition. * **Open-Collector Output:** Acting as a switch, this transistor pulls the output pin to Ground when a magnetic field is detected. It requires an external **Pull-up Resistor** to function correctly with microcontrollers. --- ### 3. Magnetic Characteristics As a **Unipolar** sensor, the MH41FAD-R responds to a specific pole (usually the South pole) of a magnet: 1. **Operation Point (Bop):** When the magnetic flux density exceeds this threshold, the output transistor turns **ON** (Output goes Low). 2. **Release Point (Brp):** When the magnetic flux density drops below this threshold, the output transistor turns **OFF** (Output goes High). --- ### 4. Implementation Example (Basic Wiring) To interface this part with a microcontroller like an Arduino or ESP32, follow this logic: ```cpp // Logic for MH41FAD-R // VCC (Pin 1) -> 5V // GND (Pin 2) -> GND // OUT (Pin 3) -> Digital Pin (with 10k Pull-up Resistor to 5V) void setup() { pinMode(2, INPUT_PULLUP); // Using internal pull-up if external is missing } void loop() { int sensorState = digitalRead(2); if (sensorState == LOW) { // Magnet is detected (South Pole) } } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between unipolar and bipolar Hall sensors in BLDC applications?
    • ⤷ What value should I choose for the pull-up resistor on the output pin?
    • ⤷ Can the MH41FAD-R be used for speed sensing in high-RPM motors?