データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH41FBD-R

  • AI
    The **MH41FBD-R** is a specific model of a **Bipolar Hall Effect Latch Sensor**. It is primarily used for position sensing, speed detection, and motor commutation. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview The MH41FBD-R is designed to respond to magnetic fields. As a **Bipolar Latch**, it requires a South magnetic pole to turn the output "ON" and a North magnetic pole to turn the output "OFF." Once the state changes, it remains latched until the opposite pole is detected. ### 2. Technical Specifications | Parameter | Value / Range | | :--- | :--- | | **Supply Voltage ($V_{CC}$)** | 3.5V to 24V | | **Output Type** | Open-Collector (Requires a pull-up resistor) | | **Output Current ($I_{OUT}$)** | 25mA (Maximum) | | **Operating Temperature** | -40°C to +125°C | | **Package Style** | SOT-23 (Surface Mount) | | **Magnetic Sensitivity** | High (Typically ±30 to ±60 Gauss) | ### 3. Pin Configuration (SOT-23) Most MH41F series sensors follow this standard pinout: 1. **VDD/VCC**: Input power supply. 2. **GND**: Common ground. 3. **OUT**: The digital signal output. ### 4. Key Electronic Features * **Open-Collector Output:** The sensor acts like a switch to ground. To get a high/low signal for a microcontroller (like an Arduino or STM32), you must connect a **pull-up resistor** (typically 10kΩ) between the Output pin and VCC. * **Built-in Protection:** It usually includes a reverse polarity protection diode and a voltage regulator to handle noisy power lines in automotive or industrial environments. * **Hysteresis:** The device features magnetic hysteresis to prevent output "chatter" or noise when the magnetic field is near the switching threshold. --- ### 5. Common Applications * **BLDC Motors:** Used to detect the position of the rotor for electronic commutation. * **Encoders:** Measuring RPM (Revolutions Per Minute) by counting pulses from a rotating magnet. * **Proximity Sensing:** Detecting if a lid is closed or a part is in place. ### 6. Typical Circuit Diagram ```cpp // Logic Representation [VCC 5V-24V] ----+-----------+ | | [10k Resistor] | | | [Output Signal] <+---- [Pin 3: OUT] [Pin 1: VCC] [Pin 2: GND] ---- [Ground] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a Hall effect latch and a Hall effect switch?
    • ⤷ How do I calculate the pull-up resistor value for this sensor?
    • ⤷ Can the MH41FBD-R operate directly with a 3.3V microcontroller?