データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH41FCD-R

  • AI
    ## Technical Overview: MH41FCD-R Hall Effect Sensor The **MH41FCD-R** is a high-performance **bipolar Hall Effect sensor** IC. It is primarily designed for high-sensitivity magnetic field sensing and is commonly used in brushless DC (BLDC) motor commutation and speed sensing applications. --- ### 1. Key Technical Specifications Below are the typical electrical characteristics for the MH41FCD-R: | Parameter | Specification | Units | | :--- | :--- | :--- | | **Supply Voltage ($V_{DD}$)** | 3.5 to 24 | V | | **Output Current ($I_{OUT}$)** | 25 (Max) | mA | | **Magnetic Type** | Bipolar Latch | - | | **Operating Temperature** | -40 to +125 | °C | | **Package Type** | SOT-23 / TO-92S | - | | **Magnetic Sensitivity** | High (Typical ±30 Gauss) | G | --- ### 2. Electronic Architecture The internal circuitry of the MH41FCD-R consists of several critical stages to ensure stable switching: 1. **Hall Voltage Generator:** A thin semiconductor element that generates a small voltage when exposed to a magnetic field (the Hall effect). 2. **Voltage Regulator:** Allows the chip to operate over a wide range of supply voltages (3.5V to 24V) while maintaining internal stability. 3. **Chopper Stabilization:** An internal technique used to minimize offset voltage and reduce the effects of temperature/stress on sensitivity. 4. **Schmitt Trigger:** Provides hysteresis to ensure clean, bounce-free switching between "High" and "Low" states. 5. **Open-Drain Output:** The output is an NPN transistor. This requires an external **pull-up resistor** to interface with microcontrollers (like Arduino or ESP32). --- ### 3. Pin Configuration The device usually comes in an **SOT-23** (Surface Mount) package. | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **VDD** | Power Supply (Positive) | | 2 | **OUT** | Open-collector Output | | 3 | **GND** | Ground | --- ### 4. Working Principle (Bipolar Latching) Unlike unipolar sensors that only respond to one pole, the MH41FCD-R is **Bipolar**: * **South Pole (S):** When a sufficiently strong South pole approaches the branded side, the output switches **LOW** (ON). * **North Pole (N):** The output remains LOW until a North pole is applied, which switches the output **HIGH** (OFF). * **Latch Behavior:** If the magnetic field is removed, the sensor "remembers" its last state until an opposite pole is introduced. --- ### 5. Application Example ```c++ // Typical connection for MH41FCD-R // VDD -> 5V // GND -> Ground // OUT -> Digital Pin 2 (with 10k pull-up resistor to 5V) void setup() { pinMode(2, INPUT); // Digital reading from the sensor Serial.begin(9600); } void loop() { int sensorState = digitalRead(2); if (sensorState == LOW) { Serial.println("Magnetic South Detected"); } else { Serial.println("Magnetic North or No Field"); } } ```
    ✨ Follow-up Questions
    • ⤷ What is the recommended value for the pull-up resistor on the OUT pin?
    • ⤷ How does the MH41FCD-R differ from a Unipolar Hall Effect sensor?
    • ⤷ Can this sensor be used for linear distance measurement or only digital switching?