データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH41FDG-R

  • AI
    The **MH41FDG-R** is a specialized electronic component, specifically a **Hall Effect Sensor IC**. These devices are primarily used for magnetic field detection, often acting as non-contact switches or position sensors. --- ### 1. Key Technical Specifications The MH41 series is known for its high sensitivity and stability. Below are the typical technical parameters for this specific part: | Parameter | Specification (Typical) | | :--- | :--- | | **Sensor Type** | Unipolar/Bipolar Hall Effect Switch | | **Supply Voltage (Vcc)** | 3.0V to 24V DC | | **Output Current** | 25mA - 50mA | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | SOT-23 or TO-92S (Commonly "FDG" refers to SOT-23) | | **Magnetic Trigger Point** | Low to Medium Sensitivity | --- ### 2. Internal Components & Architecture The IC is not just a single sensor; it is an integrated circuit containing several stages: 1. **Hall Element:** The primary transducer that converts magnetic flux into a micro-voltage. 2. **Voltage Regulator:** Allows the chip to operate across a wide range of input voltages (3V-24V) without damaging the internal logic. 3. **Amplifier:** Boosts the tiny Hall voltage to a usable level. 4. **Schmitt Trigger:** Provides hysteresis, ensuring a clean "On" or "Off" signal even if the magnetic field is noisy or hovering near the threshold. 5. **Open-Drain Output:** Acts like a switch that pulls to ground (GND) when triggered. --- ### 3. Pinout Configuration (SOT-23 Package) In the standard surface-mount configuration, the pins are typically assigned as follows: ```text Pin 1: VCC (Power Supply) Pin 2: GND (Ground) Pin 3: VOUT (Signal Output) ``` --- ### 4. Common Applications Due to its robust nature and high-temperature tolerance, the MH41FDG-R is frequently found in: * **BLDC Motors:** For rotor position sensing (commutation). * **Automotive Systems:** Speedometers, seatbelt buckles, and window lifts. * **Proximity Switching:** Door/lid sensors in laptops or security systems. * **Pulse Counting:** Measuring RPM in industrial fans or flow meters. --- ### 5. Circuit Implementation Example Because the output is "Open-Drain," you must use a **pull-up resistor** to see a voltage change on the output pin. ```cpp // Logic Representation If (Magnetic Field > Threshold) { Output = LOW (0V); // Sensor conducts to Ground } else { Output = HIGH (Vcc); // Pull-up resistor pulls signal up } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between unipolar and bipolar Hall sensors?
    • ⤷ How do I calculate the pull-up resistor value for this IC?
    • ⤷ Can this sensor be used with a 5V Arduino or ESP32?