データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH41TAD-R

  • AI
    The **MH41TAD-R** is an optical sensor module, specifically a high-precision **reflective-type optical encoder sensor**. It is widely used in motion control systems to detect position, speed, and direction by sensing the movement of a reflective scale or code wheel. --- ## 1. Core Technical Specifications The following table summarizes the primary electrical and mechanical characteristics of the MH41TAD-R: | Parameter | Specification | | :--- | :--- | | **Part Number** | MH41TAD-R | | **Sensor Type** | Reflective Optical Encoder | | **Output Channels** | Two channels (Phase A and Phase B) | | **Resolution** | Typically 150 to 180 LPI (Lines Per Inch) | | **Supply Voltage (Vcc)** | 3.3V to 5.0V DC | | **Output Format** | Digital Square Wave (TTL Compatible) | | **Operating Distance** | 0.5mm to 2.0mm (typical) | --- ## 2. Key Internal Components The MH41TAD-R functions as a small integrated system containing several electronic sub-parts: ### A. Infrared (IR) LED The module contains an internal light-emitting diode that projects a beam of infrared light toward a reflective surface (like a strip or a disk). ### B. Photodiode Array Multiple photo-detectors are arranged in a specific pattern to receive the reflected light. These sensors translate light intensity into small electrical currents. ### C. Signal Processing IC This internal chip performs the following functions: * **Amplification:** Boosts the weak signals from the photodiodes. * **Comparator/Digitizer:** Converts the analog sine waves into clean digital square waves (high/low pulses). * **Phase Splitting:** Ensures that Channel A and Channel B are $90^\circ$ out of phase (Quadrature output), allowing the system to determine the direction of rotation or movement. --- ## 3. Pin Configuration and Interface The device usually features a low-profile surface mount or flexible connector interface. 1. **Vcc:** Power supply input. 2. **GND:** Common ground. 3. **Channel A:** Digital output pulse. 4. **Channel B:** Digital output pulse (offset from A). 5. **LED Control (Optional):** Some variants allow for pulsing the LED to save power. --- ## 4. Typical Applications * **Inkjet Printers:** Used to track the position of the print head carriage via a linear encoder strip. * **Robotics:** Small motor feedback for precise movement. * **Office Automation:** Scanning mechanisms and paper feed detection.
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the MH41TAD-R connector?
    • ⤷ How do I calculate the RPM of a motor using the quadrature signals from this sensor?
    • ⤷ What is the recommended gap distance between the sensor and the reflective strip?