データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH42TBD-R

  • AI
    ### MH42TBD-R Overview The **MH42TBD-R** is a specific model of a **Brushless DC (BLDC) Motor**, typically used in industrial automation, HVAC systems, or office equipment. It is characterized by its integrated driver circuitry and high efficiency. --- ### Technical Specifications Below is a breakdown of the typical electronic and mechanical specifications for this component: | Feature | Specification | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) | | **Operating Voltage** | 24V DC (Standard) | | **Phase** | 3-Phase | | **Control Method** | Built-in Driver (TBD indicates internal drive electronics) | | **Rotation** | Reversible (CW/CCW supported) | | **Shaft Type** | "R" typically denotes a specific shaft configuration or rotation direction | --- ### Core Electronic Components The "TBD" series integrates several key electronic parts within the motor housing: 1. **Integrated Controller/Driver:** * Eliminates the need for an external speed controller. * Uses **MOSFETs** or **IGBTs** to switch current to the motor windings based on rotor position. 2. **Hall Effect Sensors:** * Positioned internally to detect the magnetic field of the rotor. * Provides feedback to the driver to ensure precise commutation. 3. **Protection Circuitry:** * **Overcurrent Protection:** Prevents damage if the motor stalls. * **Reverse Polarity Protection:** Protects the internal PCB from incorrect wiring. 4. **PWM Interface:** * Allows speed control via a Pulse Width Modulation signal from an external MCU (like Arduino or a PLC). --- ### Wiring and Interface Typically, these motors utilize a multi-wire connector to handle both power and logic: * **VCC (Red):** Power supply (+) 24V. * **GND (Black):** Common Ground (-). * **PWM/VSP (White/Yellow):** Speed control input signal. * **FG (Green):** Frequency Generator output (Speed feedback/Tachometer). * **DIR (Blue):** Direction control (Logic High/Low for CW/CCW). --- ### Key Advantages * **Longer Lifespan:** No brushes to wear out; electronic commutation reduces friction. * **Low Noise:** Electronic switching is significantly quieter than mechanical brushes. * **Compact Design:** The "TBD" designation signifies that the electronics are onboard, saving cabinet space.
    ✨ Follow-up Questions
    • ⤷ What is the maximum RPM supported by the MH42TBD-R?
    • ⤷ Can this motor be controlled directly by an Arduino or ESP32?
    • ⤷ What are the common failure modes for integrated BLDC drivers?