データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH42TDD-R

  • AI
    The **MH42TDD-R** is a specific electronic component primarily identified as a **Hybrid Power Module** or an **IGBT (Insulated Gate Bipolar Transistor) Module**. These components are frequently used in industrial power electronics, specifically within motor drives and power conversion systems. --- ### 1. Key Technical Specifications While specific datasheets can vary by manufacturer (often associated with brands like Mitsubishi or custom power solutions), the "MH" series typically follows these parameters: | Parameter | Description | | :--- | :--- | | **Component Type** | Hybrid Power Module / IGBT | | **Circuit Configuration** | 3-Phase Bridge + Brake (Typical) | | **Voltage Rating** | Usually rated for 600V or 1200V systems | | **Current Rating** | High-current capacity (varies by suffix, often 20A–50A) | | **Package Style** | Case-style module with screw terminals or pin headers | --- ### 2. Internal Electronic Parts The MH42TDD-R is not a single transistor but an assembly of several electronic parts integrated into one package: * **IGBT Chips:** The main switching elements that handle high voltage and current with high efficiency. * **Freewheeling Diodes (FWD):** Connected in anti-parallel with the IGBTs to protect them from inductive spikes (back-EMF) when a motor load is switched off. * **Thermistor (NTC):** Most "T" designated modules include a Negative Temperature Coefficient resistor to monitor the module's internal heat and trigger thermal protection. * **Gate Drive Interface:** Internal circuitry designed to interface the low-voltage control signals (from a Microcontroller) to the high-voltage power switches. --- ### 3. Common Applications This part is designed for "Heavy-Duty" switching and is commonly found in: 1. **AC Motor Drives (VFDs):** Used to control the speed of three-phase industrial motors. 2. **Uninterruptible Power Supplies (UPS):** Managing the conversion from DC battery power to AC mains power. 3. **Servo Amplifiers:** Providing the precise power delivery needed for robotic arm movements. 4. **Welding Machines:** Managing high-current DC output. --- ### 4. Identification and Replacement When working with the MH42TDD-R, keep the following in mind: * **Thermal Management:** Because this module switches high currents, it **must** be mounted to a substantial heatsink using thermal paste. * **Pinout Logic:** The module usually separates "Signal" pins (low voltage) from "Power" terminals (high voltage) to prevent electromagnetic interference (EMI). ```text Typical Terminal Layout: P, N -> DC Bus Input U, V, W -> 3-Phase AC Output to Motor G, E -> Gate and Emitter Control Pins ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for the MH42TDD-R?
    • ⤷ How do I test if an IGBT module like the MH42TDD-R is faulty?
    • ⤷ What is the specific current rating for the MH42 series?