データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH43FCD-R

  • AI
    The **MH43FCD-R** is a specific technical component primarily associated with **Infrared (IR) Receiver Modules**. These parts are commonly used in consumer electronics to facilitate wireless communication between a remote control and a device (like a TV, air conditioner, or fan). Below is a detailed breakdown of the electronic specifications and features. ### 1. General Specifications The MH43FCD-R is an integrated circuit that combines a PIN diode and a preamplifier into a single package, often acting as a band-pass filter to reject ambient light interference. | Parameter | Typical Value | Notes | | :--- | :--- | :--- | | **Carrier Frequency** | 38 kHz (Standard) | Most common frequency for IR remotes. | | **Operating Voltage** | 2.7V to 5.5V | Compatible with 3.3V and 5V logic. | | **Supply Current** | 0.5mA to 1.5mA | Low power consumption for standby modes. | | **Reception Distance** | 10 - 15 Meters | Depends on transmitter power and alignment. | | **Operating Temp** | -20°C to +85°C | Industrial standard temperature range. | --- ### 2. Physical Construction and Pinout The device typically features a molded plastic package that acts as an IR filter (usually black or dark red) to block visible light while allowing infrared light to pass through. | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | **OUT** | Demodulated data output (connects to MCU). | | **2** | **GND** | Ground connection. | | **3** | **VCC** | Power supply input. | --- ### 3. Key Features * **Built-in PCM Filter:** It is designed to recognize Specific Pulse Code Modulation (PCM) signals, ensuring it ignores signals from sunlight or fluorescent lamps. * **TTL/CMOS Compatibility:** The output signal can be directly interfaced with microcontrollers like Arduino, STM32, or PIC without extra circuitry. * **Low Active Output:** Usually, the "OUT" pin stays **HIGH** when idle and pulls **LOW** when it detects an IR burst at the correct frequency. --- ### 4. Basic Application Circuit To use the MH43FCD-R, you generally need a simple RC filter on the VCC line to reduce power supply noise. ```cpp // Example Wiring Logic [VCC] ---- [Resistor 100 ohm] ----+---- Pin 3 (VCC) | [Capacitor 4.7uF] | [GND] ----------------------------+---- Pin 2 (GND) [MCU Pin] <---------------------------- Pin 1 (OUT) ``` --- ### 5. Common Use Cases * **Home Appliances:** TVs, DVD players, and Setup boxes. * **Climate Control:** Air conditioning units and heaters. * **Industrial:** Remote triggered sensors or optical switches.
    ✨ Follow-up Questions
    • ⤷ How do I test the MH43FCD-R using a multimeter?
    • ⤷ Can this receiver work with 40kHz remote signals?
    • ⤷ What are the common causes for IR receiver interference?