データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH43TCD-R

  • AI
    The **MH43TCD-R** is a high-performance, thin-film thermoelectric cooling (TEC) module specifically designed for precision temperature control in optoelectronic devices. It is frequently utilized in TOSA (Transmitter Optical Sub-Assembly) and laser diode applications. --- ### 1. Key Technical Specifications Below are the typical electronic characteristics of the MH43TCD-R module: | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | **Maximum Temperature Differential** | $\Delta T_{max}$ | ~67 - 72 | °C | | **Maximum Cooling Capacity** | $Q_{max}$ | ~1.5 - 2.5 | Watts | | **Maximum Current** | $I_{max}$ | ~1.2 - 1.8 | Amperes | | **Maximum Voltage** | $V_{max}$ | ~2.5 - 3.5 | Volts | | **Module Resistance** | $R_{AC}$ | ~1.5 - 2.0 | Ohms | --- ### 2. Core Electronic Components The device is an active heat pump based on the **Peltier Effect**. Its internal structure consists of: * **P-N Junction Pairs:** Small bismuth telluride ($Bi_2Te_3$) semiconductor pellets connected electrically in series and thermally in parallel. * **Ceramic Substrates:** Usually Aluminum Nitride (AlN) or Alumina ($Al_2O_3$). AlN is often used in the "TCD" variants for superior thermal conductivity. * **Metallization:** The "R" suffix often indicates specific gold-plated patterns or contact pads designed for AuSn (Gold-Tin) soldering, which is standard in high-reliability telecom environments. --- ### 3. Functional Operation The MH43TCD-R functions as a solid-state heat pump: 1. **Direct Current (DC) Input:** When a DC current flows through the module, heat is absorbed at the "cold" side and rejected at the "hot" side. 2. **Reversibility:** By reversing the polarity of the DC current, the module can switch from cooling to heating, allowing for extremely tight temperature stabilization (within ±0.01°C when used with a PID controller). 3. **Thin-Film Technology:** The "MH" series often denotes a micro-module footprint, making it ideal for integration into small form-factor pluggables (SFP/QSFP). --- ### 4. Application Circuit Example A typical driver circuit for the MH43TCD-R involves an H-bridge driver and a thermistor for feedback. ```cpp // Pseudocode for a PID Temperature Control Loop float setpoint = 25.0; // Target temperature in Celsius float currentTemp = readThermistor(); void loop() { float error = setpoint - currentTemp; float output = calculatePID(error); // Set H-Bridge direction and PWM intensity if (output > 0) { setTECMode(HEATING); setTECCurrent(output); } else { setTECMode(COOLING); setTECCurrent(abs(output)); } } ``` ---
    ✨ Follow-up Questions
    • ⤷What are the specific dimensions of the MH43TCD-R footprint?
    • ⤷ How does the 'R' suffix impact the soldering process for this module?
    • ⤷ What is the maximum operating temperature for the hot side of this TEC?