データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH44FAG-R

  • AI
    The **MH44FAG-R** is a high-performance, high-sensitivity **Hall Effect Sensor IC**, typically manufactured by companies like Asahi Kasei Microdevices (AKM). It is designed for non-contact magnetic field detection, commonly used in motor control and position sensing. --- ## 1. Technical Specifications The following table highlights the core electrical characteristics of the MH44FAG-R: | Parameter | Specification | Unit | | :--- | :--- | :--- | | **Supply Voltage (Vcc)** | 3.0 to 18.0 | V | | **Output Current** | 20 (Max) | mA | | **Magnetic Sensitivity** | High (Bop: 2.0 to 6.0) | mT | | **Operating Temperature** | -40 to +125 | °C | | **Package Type** | SOT-23 (Surface Mount) | - | | **Output Type** | Open Collector | - | --- ## 2. Internal Composition & Operation The MH44FAG-R integrates several electronic components on a single silicon chip to process magnetic signals: 1. **Hall Element:** The primary transducer that generates a voltage when exposed to a magnetic field (Hall Effect). 2. **Voltage Regulator:** Ensures stable operation across a wide range of input voltages (3V to 18V). 3. **Chopper Stabilization:** A technique used to minimize offset voltage (drift) caused by temperature changes or mechanical stress. 4. **Schmitt Trigger:** Converts the analog signal from the Hall element into a clean digital "high" or "low" output. 5. **Open-Collector Output:** The output stage acts as a switch. When the magnetic threshold is met, the transistor turns on, pulling the output to ground (GND). --- ## 3. Typical Circuit Diagram To use the MH44FAG-R, a pull-up resistor is required because of the open-collector design. ```cpp // Basic Connection Logic [Vcc] ----+----------- [Supply 5V-12V] | [R_pullup 10kΩ] | [Out] ----+----------- [MCU Input / Signal] [GND] ----------------- [System Ground] ``` --- ## 4. Common Applications * **Brushless DC (BLDC) Motors:** Used to detect rotor position for commutation. * **Speed Sensing:** Measuring the RPM of rotating gears or fans. * **Proximity Switching:** Non-contact door or lid sensors in consumer electronics. * **Automotive Systems:** Seatbelt buckle detection or window position sensing.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Unipolar and Latch versions of Hall sensors?
    • ⤷ How do I calculate the correct value for the pull-up resistor?
    • ⤷ What are the specific magnetic switching thresholds (Bop and Brp) for this model?