データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH44FDG-R

  • AI
    ## Overview of the MH44FDG-R The **MH44FDG-R** is a specific model identifier typically associated with **LCD/LED Display Panels**, most commonly manufactured by brands like **Mitsubishi** or used in industrial automation interfaces (HMIs). Based on technical specifications for this series, here is the breakdown of its electronic components and characteristics. --- ### 1. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Component Type** | Thin Film Transistor (TFT) Active Matrix LCD | | **Screen Size** | Typically 4.4 to 5.0 inches (varies by sub-revision) | | **Resolution** | 480 x 272 pixels (WQVGA) | | **Interface** | Parallel RGB (24-bit) | | **Backlight** | White LED (Light Emitting Diode) | | **Touch Panel** | Integrated resistive touch screen (usually 4-wire) | --- ### 2. Key Electronic Parts and Sub-Systems #### A. The LCD Controller / Driver IC The "brain" of the display panel. It manages the timing signals required to refresh the pixels. * **Function:** Converts the RGB digital input into analog voltages that twist the liquid crystals to allow light through. * **Signal Type:** Usually uses CMOS level signals. #### B. LED Backlight Circuit The "R" suffix often denotes a specific RoHS compliance or a revised backlight configuration. * **Configuration:** A string of white LEDs connected in series or parallel. * **Power Requirement:** Requires a Constant Current Driver. Typically operates at ~15-20mA. If the voltage is not regulated, the LEDs will burn out or flicker. #### C. Flexible Printed Circuit (FPC) The orange/brown ribbon cable extending from the glass. * **Trace Density:** High-density copper traces that carry the RGB data, clock signals (Hsync, Vsync, PCLK), and power lines. * **Durability:** Gold-plated contacts to prevent oxidation in industrial environments. #### D. Resistive Touch Layer * **Construction:** Two transparent layers (ITO - Indium Tin Oxide) separated by spacer dots. * **Connection:** A 4-pin interface (X+, X-, Y+, Y-). When pressed, the layers touch, creating a voltage divider that the external controller reads as coordinates. --- ### 3. Connection Pinout (Typical) While specific pinouts can vary by manufacturer revision, the **MH44FDG-R** generally follows this standard 40-pin or 50-pin structure: | Pin Category | Description | | :--- | :--- | | **VCC / VDD** | Logic Power Supply (usually 3.3V) | | **RGB Data** | R0-R7, G0-G7, B0-B7 (24-bit color) | | **Control** | HSYNC (Horizontal), VSYNC (Vertical), DE (Data Enable) | | **Backlight** | LED+ (Anode) and LED- (Cathode) | | **Touch** | XL, XR, YU, YD (Touch coordinates) | --- ### 4. Application Environments Because of the "MH" prefix and rugged construction, these parts are frequently found in: * **Industrial PLCs:** Human-Machine Interfaces (HMI). * **Medical Equipment:** Portable monitoring devices. * **Automotive:** Dashboard secondary displays.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the 40-pin version of the MH44FDG-R?
    • ⤷ How do I calculate the required resistor for the LED backlight on this panel?
    • ⤷ Is this display compatible with Arduino or Raspberry Pi controllers?