データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH45FBD-R

  • AI
    The **MH45FBD-R** is an electronic component primarily classified as a **Ferrite Chip Bead** (or Power Bead). These are passive components used for Electromagnetic Interference (EMI) suppression in high-density electronic circuits. Below is a detailed breakdown of its specifications and functions. --- ### 1. General Specifications The MH series is typically designed for power line applications where high currents and high-frequency noise suppression are required. | Feature | Specification | | :--- | :--- | | **Component Type** | Ferrite Chip Bead / EMI Filter | | **Material** | High-loss Ferrite | | **Mounting Type** | Surface Mount (SMD) | | **Operating Temperature** | -55°C to +125°C | | **Common Application** | Power lines, DC-DC Converters, I/O ports | ### 2. Physical Characteristics The "45" in the part number usually refers to the EIA package size (1812 in Imperial units). * **Dimensions:** Approximately 4.5mm x 3.2mm (EIA 1812). * **Termination:** Lead-free (RoHS compliant) solder plating. * **Construction:** Monolithic structure providing high reliability and magnetic shielding to prevent cross-talk. ### 3. Electrical Performance The MH45FBD-R is engineered to handle higher current loads compared to standard signal beads. * **Impedance (Z):** Measured in Ohms at a specific frequency (usually 100 MHz). This represents the component's ability to resist AC noise. * **DC Resistance (DCR):** Designed to be extremely low to prevent voltage drops and excessive heat generation on power rails. * **Rated Current:** Capable of handling high amperage (often ranging from 1A to 6A depending on the specific sub-rating), making it suitable for power supply filtering. --- ### 4. How it Works The ferrite bead acts as a **low-pass filter**: 1. **Low Frequencies:** It acts as a near-zero resistance conductor, allowing DC and low-frequency signals to pass through. 2. **High Frequencies:** It acts as a resistor, converting high-frequency electromagnetic noise (EMI) into heat, effectively "cleaning" the signal or power line. ### 5. Application Areas * **Consumer Electronics:** Laptops, tablets, and smartphones. * **Industrial:** Power supply units (PSU) and motor control circuits. * **Automotive:** Filtering noise in Infotainment systems and ECUs. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact impedance rating for the MH45FBD-R at 100MHz?
    • ⤷ What are the specific dimension differences between 1812 and 1206 ferrite beads?
    • ⤷ Can this component be used in high-speed data lines or only power lines?