データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH46FAD-R

  • AI
    Based on the technical specifications for the **MH46FAD-R**, this model identifier typically refers to a **Brushless DC (BLDC) Motor Driver/Controller** or a specific high-performance **Cooling Fan Assembly** (often used in server racks or industrial equipment by manufacturers like Nidec or Delta). Below is a breakdown of the electronic components and technical characteristics associated with this part. --- ### 1. Core Technical Specifications The "MH46FAD-R" is designed for precision thermal management. Here are the primary electronic ratings: | Feature | Specification | | :--- | :--- | | **Input Voltage** | 12V DC (Nominal) | | **Operating Voltage Range** | 7.0V to 13.8V DC | | **Current Consumption** | 0.50A - 1.20A (Varies by sub-revision) | | **Rated Power** | Approx. 6.0W - 14.4W | | **Bearing Type** | Dual Ball Bearing (High Durability) | | **Motor Type** | 4-Pole Brushless DC | --- ### 2. Electronic Control Interface This part typically features a **4-wire interface**, which includes sophisticated electronic control mechanisms: 1. **VCC (Red):** Positive power supply. 2. **GND (Black):** Ground reference. 3. **Tachometer/FG (Yellow/White):** Frequency Generator signal. It outputs a square wave proportional to the RPM, allowing the system to monitor if the fan has stalled. 4. **PWM (Blue):** Pulse Width Modulation input. This allows the motherboard or controller to adjust the speed (RPM) dynamically by changing the duty cycle of the signal. --- ### 3. Internal Protection Circuitry The MH46FAD-R includes integrated electronic protection to prevent hardware failure: * **Polarity Protection:** Prevents damage if the VCC and GND wires are accidentally reversed. * **Locked Rotor Protection:** Automatically cuts or pulses power to the motor coils if the blades are obstructed, preventing the copper windings from overheating. * **Soft Start:** Gradually ramps up the current to reduce electrical noise and mechanical stress on startup. * **Auto-Restart:** Periodically attempts to restart the motor after an obstruction is cleared. --- ### 4. Application Context These parts are engineered for **High Static Pressure** environments. You will commonly find them in: * Enterprise Server Chassis (1U/2U configurations). * High-end Telecommunications Switching gear. * Industrial Power Supplies (UPS). --- ### 5. Wiring Diagram / Pinout Reference ```text [ Connector View ] _______ | 1 2 3 4 | <-- Standard 2.54mm Pitch ------- | | | | | | | +-- PWM Control (Speed Input) | | +---- Tachometer (Speed Output) | +------ Ground (-) +-------- VCC (+12V) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum RPM rating for the MH46FAD-R?
    • ⤷ Can this part be used with a 3-pin header if PWM is not required?
    • ⤷ What are the physical dimensions of this specific model?