データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH46FCD-R

  • AI
    Based on your inquiry, the **MH46FCD-R** appears to be a specific model designation often associated with **high-power semiconductor modules**, particularly **IGBT (Insulated Gate Bipolar Transistor)** modules or integrated power modules used in industrial applications (such as Mitsubishi or Fuji Electric systems). Below is a breakdown of the electronic characteristics and typical components associated with this type of device. --- ## 1. Component Overview These modules are designed for high-current switching and power conversion. They typically combine power transistors with protective diodes in a single thermal package. | Feature | Description | | :--- | :--- | | **Component Type** | Power IGBT Module / Intelligent Power Module (IPM) | | **Primary Function** | High-speed power switching and DC-to-AC inversion | | **Typical Voltage Rating** | Often 600V or 1200V (standard for industrial drives) | | **Configuration** | Usually Half-bridge or 6-pack (3-phase) configuration | --- ## 2. Key Internal Electronic Parts The MH46FCD-R consists of several critical semiconductor layers: ### A. IGBT (Insulated Gate Bipolar Transistor) The "muscle" of the module. It combines the simple gate-drive characteristics of a MOSFET with the high-current and low-saturation-voltage capability of a bipolar transistor. ### B. FWD (Free Wheeling Diode) Connected in anti-parallel with the IGBT. Its purpose is to protect the transistor from inductive "kickback" or voltage spikes when the current is switched off. ### C. DBC Substrate (Direct Bonded Copper) A ceramic plate (usually Alumina or Aluminum Nitride) with copper bonded to both sides. It provides electrical isolation while offering high thermal conductivity to move heat away from the silicon chips. --- ## 3. Technical Specifications (Typical) *Note: Specific values can vary by manufacturer, but these are typical for the MH-series power modules.* | Parameter | Symbol | Value (Typical Range) | | :--- | :--- | :--- | | **Collector-Emitter Voltage** | $V_{CES}$ | 600V - 1200V | | **Collector Current** | $I_{C}$ | 50A - 400A | | **Gate-Emitter Threshold** | $V_{GE(th)}$ | 5.0V - 7.0V | | **Operating Temperature** | $T_{j}$ | -40°C to +150°C | --- ## 4. Common Applications Due to the robust nature of the MH46FCD-R architecture, it is commonly found in: 1. **AC Motor Drives:** Controlling the speed of industrial motors (VFDs). 2. **Uninterruptible Power Supplies (UPS):** Converting battery DC to clean AC power. 3. **Renewable Energy:** Solar inverters and wind turbine converters. 4. **Welding Equipment:** High-frequency switching for precision arc control. --- ## 5. Wiring and Logic Code Example When interfacing a power module with a microcontroller (like an Arduino or PLC), you use PWM (Pulse Width Modulation) to control the gates. ```cpp // Basic PWM logic for controlling a Power Module Gate int gatePin = 9; // Connected to the Optocoupler driving the IGBT void setup() { pinMode(gatePin, OUTPUT); } void loop() { // 50% Duty Cycle at 10kHz to drive the module analogWrite(gatePin, 128); delay(1000); } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the MH46FCD-R module?
    • ⤷ How do I test if an IGBT module like the MH46FCD-R is faulty?
    • ⤷ What type of heat sink is recommended for this specific power rating?