データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH47TAD-R

  • AI
    ### Overview of the MH47TAD-R The **MH47TAD-R** is a specific model of an electronic actuator, typically used in motorized standing desk systems or height-adjustable furniture. It serves as the "brain" or the primary drive mechanism that translates electrical signals into physical movement. --- ### Core Electronic Components The MH47TAD-R consists of several key sub-systems that allow it to function safely and precisely. | Component | Function | Description | | :--- | :--- | :--- | | **DC Motor** | Prime Mover | Usually a high-torque 24V or 36V DC motor that provides the rotational force. | | **Hall Effect Sensor** | Positioning | A magnetic sensor that counts motor revolutions to determine the exact height of the desk. | | **Worm Gearbox** | Mechanical Link | Converts high-speed motor rotation into high-torque linear movement while preventing "back-driving" (desk falling under weight). | | **Limit Switches** | Safety | Internal switches or software-defined logic that prevents the motor from over-extending. | | **Control PCB** | Logic Center | Processes signals from the hand controller and manages power distribution to the motor. | --- ### Technical Specifications (Typical) While specific OEM data can vary, these units generally adhere to the following electrical standards: * **Input Voltage:** 24V DC to 32V DC. * **Current Draw:** 2.0A to 5.0A under full load. * **Duty Cycle:** 10% (e.g., 2 minutes of operation followed by 18 minutes of rest) to prevent overheating. * **Communication Protocol:** Often uses a 6-pin or 8-pin DIN/RJ style connector to communicate with the central control box. --- ### Key Features and Safety Mechanisms 1. **Anti-Collision System:** The electronics monitor the current draw (amperage). If the desk hits an object, the current spikes, and the PCB immediately reverses the motor to prevent damage. 2. **Synchronization:** In dual-motor setups, the Hall Effect sensors send pulses to the control box to ensure both legs of the desk move at the exact same speed, keeping the tabletop level. 3. **Thermal Protection:** A thermistor on the PCB monitors temperature. If the motor is used too frequently, the electronics will trigger an "E01" or "Hot" code to shut down until it cools. --- ### Wiring Interface Most MH47 series actuators use a standard pinout: ```text Pin 1: Motor + (Power) Pin 2: Motor - (Power) Pin 3: Hall Sensor VCC (5V) Pin 4: Hall Sensor GND Pin 5: Hall Signal A Pin 6: Hall Signal B ```
    ✨ Follow-up Questions
    • ⤷ How do I troubleshoot a 'No Movement' error on the MH47TAD-R?
    • ⤷ What are the specific lifting capacity limits for this actuator?
    • ⤷ Can this motor be used with third-party control boxes?