データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH48FAD-R

  • AI
    The **MH48FAD-R** is an electronic component primarily classified as a **Brushless DC (BLDC) Fan**, manufactured by Nidec (formerly Nidec Copal). It is part of the "MH" series, designed for high-reliability cooling in industrial and telecommunications equipment. --- ### 1. Technical Specifications The part number follows a specific nomenclature used by Nidec to define its electrical and physical characteristics. | Parameter | Specification | Details | | :--- | :--- | :--- | | **Model Type** | MH48FAD-R | High-performance cooling fan | | **Rated Voltage** | 48V DC | Optimized for telecom and server racks | | **Operating Voltage Range** | 36V to 60V DC | Allows for fluctuations in power supply | | **Bearing Type** | Dual Ball Bearing | Ensures long life (approx. 70,000+ hours) | | **Frame Size** | 120mm x 120mm x 38mm | Standard square industrial size | | **Speed Control** | PWM / Pulse Sensor | "R" suffix often denotes a sensor signal output | --- ### 2. Key Electronic Features * **Locked Rotor Protection:** The internal circuitry detects if the fan blades are obstructed. It automatically cuts power to prevent the motor coils from burning out and periodically attempts to restart. * **Reverse Polarity Protection:** Prevents damage to the internal PCB if the positive and negative leads are connected incorrectly. * **Signal Output (The "-R" Suffix):** * In the Nidec naming convention, the suffix usually indicates a **Rotation Detector (RD)** or a **Tachometer (FG)** signal. * This allows the host system (e.g., a server motherboard) to monitor the fan speed or receive an alarm if the fan stops spinning. --- ### 3. Internal Components Inside the MH48FAD-R, the electronics consist of: 1. **Stator Coils:** Copper windings that generate the magnetic field. 2. **Permanent Magnet Rotor:** Typically a high-density plastic magnet. 3. **Commutation IC:** A specialized driver chip that switches the current between the coils based on the rotor's position. 4. **Hall Effect Sensor:** A small semiconductor that detects the magnetic poles of the rotor to tell the driver chip when to switch phases. --- ### 4. Wiring Diagram (Standard 3/4 Wire) Depending on the specific configuration, the wires are typically color-coded: ```text Red [+] -> Positive Supply (48V) Black [-] -> Ground (0V) White [S] -> Sensor Output (Rotation Detector / Tachometer) Blue [P] -> PWM Control (Speed adjustment - if applicable) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an RD signal and an FG signal in these fans?
    • ⤷ Can this fan be operated at 24V instead of 48V?
    • ⤷ What are the common industrial applications for the MH48FAD series?