MH48FAG-R
AI

The **MH48FAG-R** is an electronic component primarily classified as a **Hall Effect Sensor IC**. It is specifically designed for magnetic field detection and is commonly used in brushless DC (BLDC) motors and speed sensing applications.
---
### 1. Technical Specifications
The following table highlights the core electrical and physical characteristics of the MH48FAG-R:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Hall Effect Latch / Switch |
| **Supply Voltage ($V_{CC}$)** | 3.0V to 24V |
| **Output Current ($I_{OUT}$)** | 25mA (Max) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | SOT-23 or TO-92S (Common variants) |
| **Magnetic Type** | Bipolar Latch |
---
### 2. Key Internal Electronic Features
* **Hall Element:** A thin layer of semiconductor material that generates a voltage (Hall Voltage) when exposed to a magnetic field perpendicular to the current flow.
* **Voltage Regulator:** Allows the chip to operate over a wide range of input voltages (3V to 24V) without damaging the internal logic.
* **Schmitt Trigger:** An internal circuit that provides "hysteresis." This ensures the output remains stable even if the magnetic signal is noisy or weak, preventing rapid "chattering" between ON and OFF states.
* **Open-Collector Output:** The output acts like a switch to ground. It requires an external **pull-up resistor** to interface with microcontrollers (like Arduino or ESP32).
---
### 3. Functional Operation
The MH48FAG-R typically operates as a **Bipolar Latch**. This means:
1. **South Pole:** When a strong South magnetic pole is detected, the output switches **ON** (Low voltage).
2. **North Pole:** The output stays ON even if the magnet is removed. It only switches **OFF** (High voltage) when a strong North magnetic pole is presented.
---
### 4. Typical Applications
* **BLDC Motor Commutation:** Sensing the position of the rotor to time the firing of the motor coils.
* **Speed Sensing:** Counting rotations of a wheel or shaft equipped with magnets.
* **Magnetic Door Switches:** Detecting whether a security door is open or closed.
* **Flow Meters:** Measuring the rotation of an internal turbine to calculate liquid flow.
---
- ⤷
How do I calculate the correct pull-up resistor value for this sensor?
- ⤷ What is the difference between a Hall Effect 'Latch' and a 'Switch'?
- ⤷ Can the MH48FAG-R be used with a 3.3V microcontroller?