データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH48FBG-R

  • AI
    The **MH48FBG-R** is an integrated circuit, typically belonging to the family of Hall Effect Sensors or specific power management controllers depending on the manufacturer (most commonly associated with high-precision magnetic field detection). Below is a breakdown of the electronic specifications and characteristics for this component. --- ## 1. Component Overview The MH48 series is generally recognized as a **High-Sensitivity Hall Effect Switch**. It is designed to respond to magnetic fields and provide a digital output based on the proximity of a magnet. | Feature | Specification | | :--- | :--- | | **Part Number** | MH48FBG-R | | **Component Type** | Hall Effect Sensor / Magnetic Switch | | **Output Type** | Open-Drain / Digital | | **Package Type** | SOT-23 or TO-92S (Commonly SOT-23 for "R" suffix) | | **Technology** | CMOS / Bipolar | --- ## 2. Technical Specifications This part is engineered for low power consumption and stability across varying temperatures. ### Electrical Characteristics * **Operating Voltage ($V_{DD}$):** Typically 2.5V to 6V DC. * **Supply Current:** Extremely low (Micro-ampere range), making it suitable for battery-powered devices. * **Magnetic Sensitivity:** High sensitivity (Bop/Brp values are calibrated for precise switching). * **Operating Temperature:** $-40^\circ\text{C}$ to $+85^\circ\text{C}$ (Industrial Grade). ### Pin Configuration (SOT-23 Package) | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | $V_{DD}$ | Power Supply Input | | 2 | $V_{OUT}$ | Digital Output (Requires pull-up resistor) | | 3 | GND | Ground | --- ## 3. Key Features * **Chopper Stabilized Amplifier Stage:** Minimizes offset voltage caused by temperature changes or mechanical stress. * **Solid State Reliability:** No moving parts, leading to an almost infinite life cycle compared to mechanical reed switches. * **Small Footprint:** The "FBG-R" variant usually indicates a small surface-mount package (SOT-23) provided on a "Tape and Reel" (R). --- ## 4. Typical Applications The MH48FBG-R is commonly found in the following electronic systems: 1. **Lid/Cover Detection:** Sensing if a laptop lid or a flip phone is closed. 2. **Contactless Switches:** Replacing physical buttons in waterproof or high-wear environments. 3. **Speed Sensing:** Used with a rotating magnet to count RPM in small motors or fans. 4. **Handheld Devices:** Proximity sensing for low-power wake-up functions. --- ## 5. Circuit Implementation Example Because the output is **Open-Drain**, you must use a pull-up resistor to interface with a Microcontroller (MCU). ```cpp // Example Wiring Logic [VCC] --- [Pull-up Resistor 10k] --- [MH48 Output Pin] --- [MCU Digital Input] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a Unipolar and Omnipolar Hall Effect sensor like the MH48?
    • ⤷ What is the specific Magnetic Operate Point (Bop) for the MH48FBG-R?
    • ⤷ Can this sensor be used in automotive applications or is it limited to consumer electronics?