データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH48TAD-R

  • AI
    The **MH48TAD-R** is a specialized high-power DC-DC converter module, typically utilized in industrial and telecommunications applications. It is designed to provide regulated voltage conversion with high efficiency and robust thermal management. --- ## Technical Specifications Overview Below are the primary technical parameters characteristic of the MH48TAD-R series: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 36V to 75V DC (Standard 48V Telecom Bus) | | **Output Voltage** | Triple Output (Commonly 5V, 12V, -12V or similar) | | **Form Factor** | Half-Brick or Full-Brick (depending on specific revision) | | **Efficiency** | Typically 85% - 92% | | **Isolation** | 1500V DC (Input to Output) | | **Cooling** | Conduction/Convection (Baseplate cooled) | --- ## Key Electronic Components & Subsystems The module consists of several critical electronic stages integrated into a single high-density package: ### 1. Input Filtering Stage * **LC Filter:** Consists of high-frequency inductors and ceramic capacitors to suppress Electromagnetic Interference (EMI) and ripple current from the 48V source. * **TVS Diode:** Provides transient voltage suppression to protect the internal circuitry from high-voltage spikes on the input line. ### 2. Switching Topology * **PWM Controller:** A Pulse Width Modulation IC regulates the output by adjusting the duty cycle of the high-speed switches. * **MOSFETs:** High-voltage, low $R_{DS(on)}$ MOSFETs act as the primary switches to "chop" the DC input into a high-frequency AC signal. ### 3. Isolation & Transformation * **Planar Transformer:** Instead of a traditional wire-wound transformer, these modules often use planar transformers integrated into the PCB to reduce height and improve thermal dissipation. * **Optocouplers:** Provide feedback from the output side to the input side while maintaining electrical isolation. ### 4. Output Rectification & Regulation * **Schottky Rectifiers:** Used for high-speed rectification of the secondary AC signal into DC. * **Post-Regulation:** Low-dropout (LDO) regulators or secondary buck stages may be present to ensure the triple outputs remain stable under varying loads. --- ## Pin Configuration (Typical) | Pin Name | Function | Description | | :--- | :--- | :--- | | **+Vin / -Vin** | Input Power | Connects to the 48V DC source. | | **CNT (Remote)** | Control | Used to turn the module on/off via logic signals. | | **V1, V2, V3** | Outputs | The various regulated voltage outputs. | | **TRM** | Trim | Allows the user to adjust output voltage via an external resistor. | | **CASE** | Ground | Connects to the metallic shell for EMI shielding. |
    ✨ Follow-up Questions
    • ⤷ What is the maximum output current for the MH48TAD-R?
    • ⤷ How should I design the thermal heatsink for this module?
    • ⤷ Can this module be used in parallel with another for higher power?