データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH51TAD-R

  • AI
    The **MH51TAD-R** is an electronic component primarily classified as a **Magnetic Sensor** (specifically a Hall Effect Switch). These parts are commonly used in consumer electronics, automotive systems, and industrial automation for non-contact position sensing. --- ## Technical Specifications The following table outlines the typical electrical and physical characteristics of the MH51TAD-R series: | Parameter | Specification | | :--- | :--- | | **Part Type** | Hall Effect Sensor (Unipolar/Omnipolar) | | **Operating Voltage** | 2.5V to 24V DC | | **Output Type** | Open Drain / CMOS | | **Magnetic Sensitivity** | High Sensitivity (Typical 30-60 Gauss) | | **Package Type** | SOT-23 (Surface Mount) or TO-92S | | **Temperature Range** | -40°C to +125°C | | **Current Consumption** | Low power (micro-amp range for specific versions) | --- ## Internal Electronic Components The MH51TAD-R is an integrated circuit (IC) that contains several sub-blocks to process magnetic signals into digital data: 1. **Hall Element:** The core transducer that converts magnetic flux into a micro-voltage signal via the Hall Effect. 2. **Chopper-Stabilized Amplifier:** Minimizes offset voltage and provides high sensitivity regardless of thermal drift. 3. **Schmitt Trigger:** A comparator that provides hysteresis, ensuring a clean "High" or "Low" digital transition without flickering. 4. **Voltage Regulator:** Allows the chip to operate across a wide range of supply voltages while maintaining internal stability. 5. **Output Driver:** Typically an open-drain transistor that requires a pull-up resistor to interface with microcontrollers (MCU). --- ## Common Applications Because the MH51TAD-R reacts to the presence of a magnetic field, it is used in the following scenarios: * **Proximity Sensing:** Detecting if a door, lid, or cover is closed (e.g., laptop lids). * **Speed Measurement:** Counting rotations by detecting a magnet fixed to a spinning wheel or motor. * **Pulse Counting:** Used in flow meters or encoders. * **Contactless Switches:** Replacing mechanical buttons in harsh environments to prevent wear and tear. --- ## Typical Pinout (SOT-23 Package) | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | VDD | Power Supply Input | | 2 | OUT | Digital Output (Active Low/High) | | 3 | GND | Ground Connection |
    ✨ Follow-up Questions
    • ⤷ What is the difference between Unipolar and Omnipolar magnetic sensors?
    • ⤷ How do I calculate the pull-up resistor value for the MH51TAD-R output?
    • ⤷ Can this sensor be used for high-speed motor RPM sensing?