MH53FAG-R
AI

The **MH53FAG-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) Quartz Crystal Oscillator**. These components are fundamental in electronics for providing a stable clock signal to microprocessors and digital circuits.
---
### 1. Key Technical Specifications
While specific data sheets can vary slightly by manufacturer (often associated with brands like **Mercury Electronic**), the general specifications for the MH53 series are as follows:
| Parameter | Typical Value / Range |
| :--- | :--- |
| **Component Type** | Quartz Crystal Oscillator (SPXO) |
| **Package Type** | SMD (Surface Mount Device) |
| **Package Dimensions** | 5.0 x 3.2 mm (Standard 5032 size) |
| **Output Type** | CMOS / TTL Compatible |
| **Supply Voltage (Vcc)** | 3.3V or 5.0V (Standard) |
| **Frequency Stability** | ±25ppm to ±100ppm |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
---
### 2. Physical Layout & Pin Configuration
The "FAG-R" suffix usually denotes the specific frequency stability, temperature range, and packaging (Tape & Reel). The physical part usually features **4 pads**:
1. **Pin 1: Standby / Enable** – Used to turn the oscillator on or off to save power.
2. **Pin 2: Ground (GND)** – Connected to the circuit's common ground.
3. **Pin 3: Output** – Delivers the square wave clock signal.
4. **Pin 4: Vcc** – Power supply input.
---
### 3. Functional Role in Electronics
The MH53FAG-R serves as the "heartbeat" of an electronic system. Its primary functions include:
* **Timing Reference:** Ensuring that data is processed at the correct speed within a microcontroller.
* **Synchronization:** Aligning the timing of different components on a PCB (Printed Circuit Board).
* **Signal Stability:** Providing a much higher degree of frequency accuracy compared to internal RC oscillators found inside many chips.
---
### 4. Implementation Example
To use this part in a circuit, a bypass capacitor is usually required between Vcc and GND to filter electrical noise.
```c
// Conceptual pseudo-code for a Microcontroller using an external
// oscillator like the MH53FAG-R for its system clock.
void Clock_Setup() {
SystemClock_Source = EXTERNAL_OSCILLATOR; // Select Pin 3 of MH53
External_Freq = 25.000MHz; // Example frequency
Enable_Clock_Security_System(); // Monitor for stability
}
```
- ⤷
What is the specific frequency of your MH53FAG-R unit?
- ⤷ How do I calculate the load capacitance for this oscillator?
- ⤷ What are the common alternatives to the 5032 SMD package?