AI

The **MH53TDD-R** is a specific model of a **Magnetic Buzzer** (or Magnetic Transducer), commonly used in electronics for audible signaling and alarms. Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The MH53TDD-R is designed as a surface-mount device (SMD) or pin-through-hole component (depending on the specific series variant) used to convert electrical signals into sound.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Type** | Magnetic Transducer (External Drive) |
| **Operating Voltage** | 3.0V - 7.0V DC (Typically 5V Rated) |
| **Rated Current** | Max 40mA - 80mA |
| **Sound Pressure Level (SPL)** | ≥ 85dB at 10cm |
| **Resonant Frequency** | 2400Hz - 2700Hz |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Internal Components & Mechanism
Unlike a piezo buzzer, a magnetic buzzer like the MH53TDD-R operates on electromagnetic principles:
* **Electromagnet:** Consists of a copper wire coil wrapped around a core. When current passes through, it creates a magnetic field.
* **Permanent Magnet:** Provides a stationary magnetic field.
* **Vibrating Diaphragm:** A small metal disk. When the electromagnet is pulsed, it interacts with the permanent magnet to pull and release the diaphragm rapidly.
* **Housing:** Usually made of PPS or PBT plastic to withstand high soldering temperatures.
---
### 3. Application Circuitry
Because this is a **Transducer** (External Drive), it does not have an internal oscillating circuit. You must provide a square wave signal from a microcontroller (like an Arduino or STM32) to generate sound.
#### Basic Transistor Drive Circuit
Since a microcontroller pin cannot usually provide enough current (40mA+), a transistor is used:
```cpp
// Example: Arduino tone generation
void setup() {
pinMode(9, OUTPUT); // Connect to Transistor Base
}
void loop() {
tone(9, 2700); // Send 2.7kHz square wave
delay(1000);
noTone(9);
delay(1000);
}
```
---
### 4. Key Considerations for Implementation
* **Polarity:** These devices are polarized. Look for the "+" mark on the top or side to ensure correct orientation.
* **Flyback Diode:** It is recommended to place a diode (e.g., 1N4148) in parallel with the buzzer to protect the driving transistor from inductive voltage spikes.
* **Washability:** The "-R" suffix often indicates "RoHS compliant" and may indicate a sealed design. However, if there is a "Wash Label" (a small sticker over the hole), do not remove it until after the PCB has been cleaned.
- ⤷
What is the difference between a magnetic transducer and a piezo buzzer?
- ⤷ How do I calculate the resistor value for the driving transistor?
- ⤷ Can this buzzer produce different pitches or melodies?