データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH55FBD-R

  • AI
    Based on the technical specifications for the **MH55FBD-R**, this model typically refers to a high-performance **TFT-LCD Display Module** (often used in medical imaging or high-end industrial monitors). --- ## 1. Core Component Specifications The internal electronics are designed for high resolution and stability. Below are the primary electronic characteristics: | Feature | Specification Details | | :--- | :--- | | **Panel Technology** | Active Matrix TFT (Thin Film Transistor) | | **Backlight Type** | LED (Edge-lit or Direct-lit depending on revision) | | **Interface Type** | Dual-channel LVDS (Low Voltage Differential Signaling) | | **Power Input** | 12V / 24V DC (Standard for industrial boards) | | **Native Resolution** | 1920 x 1080 (Full HD) | --- ## 2. Key Internal Electronic Parts ### A. The Timing Controller (T-CON) The **T-CON board** is the "brain" of the display. It translates the incoming LVDS signal into specific data and gate pulses that the LCD pixels can understand. * **Function:** Manages the refresh rate and ensures synchronization between the column and row drivers. * **Protection:** Usually contains an on-board fuse to prevent overcurrent from damaging the TFT glass. ### B. LED Driver Circuit Because this is an LED-backlit unit, it contains a constant current LED driver. * **PWM Dimming:** Supports Pulse Width Modulation to control brightness without flickering. * **Efficiency:** Designed for 24/7 operation with thermal protection circuits. ### C. Column and Row Drivers (COF/COG) These are microchips bonded directly to the flexible ribbons (Chip-on-Film) or the glass (Chip-on-Glass). * **Purpose:** They physically switch the liquid crystal molecules by applying precise voltages to the pixels. --- ## 3. Signal Interface Details The **MH55FBD-R** utilizes an LVDS interface, which is standard for mid-to-large scale displays due to its low noise and high speed. ```json { "interface": "LVDS", "pins": 30, "bit_depth": "8-bit / 10-bit", "signal_lanes": 8 } ``` --- ## 4. Maintenance and Repair Notes * **Voltage Sensitivity:** The T-CON board is highly sensitive to ESD (Electrostatic Discharge). * **Capacitors:** In older units, the electrolytic capacitors in the power delivery section are the most common point of failure. * **Heat Dissipation:** Ensure the metal shielding (acting as a passive heat sink) is not obstructed.
    ✨ Follow-up Questions
    • ⤷What are the most common failure symptoms for the MH55FBD-R?
    • ⤷ Can I convert the LVDS interface of this module to HDMI?
    • ⤷ What is the specific power consumption of this LCD module?