データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH56FAD-R

  • AI
    ## Overview of the MH56FAD-R The **MH56FAD-R** is a specific type of **DC Brushless Fan Motor**, commonly manufactured by Minebea (NMB Technologies). It is widely used in cooling applications for electronics, specifically within cooling units for refrigerators, servers, and industrial equipment. --- ### Technical Specifications The table below outlines the core electronic and mechanical parameters typical for this model series: | Parameter | Specification (Typical) | | :--- | :--- | | **Motor Type** | DC Brushless (BLDC) | | **Operating Voltage** | 12V DC (Standard) | | **Current Consumption** | Approx. 0.05A to 0.15A (Load dependent) | | **Bearing Type** | Dual Ball Bearing or Fluid Dynamic | | **Speed Control** | Fixed or Pulse Width Modulation (PWM) | | **Connector Type** | Usually 3-pin or 4-pin molecular connector | --- ### Key Electronic Components The MH56FAD-R consists of several critical electronic sub-assemblies that manage its operation: 1. **Permanent Magnet Rotor:** The rotating part contains permanent magnets. Unlike brushed motors, there are no physical contacts (brushes) to wear out, which increases longevity and reduces electrical noise. 2. **Stator Windings:** Copper coils arranged in a specific phase configuration. When energized in sequence, they create a rotating magnetic field that drives the rotor. 3. **Integrated Circuit (IC) Driver:** The "brain" of the fan. It handles: * **Commutation:** Switching the current to the stator coils at the right time. * **Hall Effect Sensor:** Detects the position of the rotor to ensure the IC knows when to switch phases. * **Soft Start:** Gradually increases voltage to prevent a current spike during startup. 4. **Protection Circuitry:** * **Locked Rotor Protection:** Automatically cuts or reduces power if the blades are obstructed to prevent the coils from burning out. * **Reverse Polarity Protection:** Prevents damage if the positive and negative wires are connected incorrectly. --- ### Wiring Configuration The MH56FAD-R usually follows a standard color-coding scheme for its electronic leads: * **Red (+):** Positive DC Power supply. * **Black (-):** Ground/GND. * **White or Yellow (Tachometer/FG):** Frequency Generator signal. This outputs a pulse per revolution to allow the host device (like a motherboard) to monitor the RPM. * **Blue (PWM Control - if 4-pin):** Allows the system to dynamically adjust the fan speed. --- ### Applications * **Refrigeration Units:** Used for circulating cold air (Evaporator/Condenser fans). * **Networking Gear:** Cooling for switches and routers. * **Power Supplies:** Heat dissipation for high-wattage AC/DC converters.
    ✨ Follow-up Questions
    • ⤷What is the specific RPM rating for the MH56FAD-R model?
    • ⤷ Can this fan be used with a 5V power source instead of 12V?
    • ⤷ How do I troubleshoot a MH56FAD-R fan that has stopped spinning?