データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH56FCG-R

  • AI
    The **MH56FCG-R** is a specific electronic component typically categorized as a **High-Density Hybrid IC (Integrated Circuit)** or a specialized **SRAM Module**, often used in telecommunications, industrial control systems, and legacy computing hardware. Below is a detailed breakdown of its specifications, architecture, and characteristics. --- ## 1. Technical Specifications The MH56FCG-R is designed for high-speed data buffering and storage. Its primary technical characteristics are summarized in the table below: | Feature | Description | | :--- | :--- | | **Component Type** | CMOS Static RAM (SRAM) Module | | **Organization** | Often configured as 2M x 8-bit or similar high-density layouts | | **Package Type** | Hybrid IC / SIP (Single In-line Package) or DIP | | **Supply Voltage** | Typically 5.0V (Standard) or 3.3V (Low Power) | | **Access Time** | Fast access, ranging from 70ns to 100ns | | **Mounting Type** | Through-hole | --- ## 2. Key Electronic Features The component is known for several architectural strengths: ### A. CMOS Technology The use of **CMOS (Complementary Metal-Oxide-Semiconductor)** technology ensures: * Low power consumption during standby mode. * High noise immunity, making it suitable for industrial environments. ### B. Integrated Decoupling These modules often include internal **decoupling capacitors**. This reduces electronic noise on the power lines and simplifies the PCB (Printed Circuit Board) design for the engineer. ### C. Battery Backup Compatibility The "FCG" series is frequently designed to be compatible with low-power battery backup circuits, allowing the data to remain intact even when the main power supply is disconnected (Non-volatile behavior when paired with external circuitry). --- ## 3. Pin Configuration and Internal Logic While pinouts can vary by specific manufacturer (often Mitsubishi or similar semiconductor firms), the standard logic flow follows this pattern: ```text Vcc ---- [ Power Supply ] GND ---- [ Ground ] A0-An -- [ Address Inputs ] DQ0-DQ7- [ Data Input/Output ] /WE ---- [ Write Enable - Active Low ] /OE ---- [ Output Enable - Active Low ] /CS ---- [ Chip Select - Enables the module ] ``` --- ## 4. Common Applications Due to its reliability and specific form factor, the MH56FCG-R is commonly found in: 1. **PLC (Programmable Logic Controllers):** Used for storing ladder logic and system parameters. 2. **CNC Machinery:** Storing coordinate data and tool offsets. 3. **Telecommunication Switches:** Acting as a high-speed buffer for data packets. 4. **Legacy Medical Equipment:** Where long-term stability is prioritized over cutting-edge speed. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacements for the MH56FCG-R if it is obsolete?
    • ⤷ How do I test the functionality of this SRAM module using a multimeter?
    • ⤷ What is the specific storage capacity in Megabits for this part number?