データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH56FDG-R

  • AI
    The **MH56FDG-R** is a specific model of a **Magnetic Buzzer** (or Electromagnetic Transducer) often used in consumer electronics, automotive alerts, and industrial instrumentation for acoustic feedback. --- ## 1. Technical Specifications The following table outlines the typical electrical and physical characteristics of this component series: | Parameter | Specification (Typical) | | :--- | :--- | | **Rated Voltage** | 3.0V - 12.0V DC (Model dependent) | | **Operating Voltage** | 2.0V ~ 15.0V DC | | **Current Consumption** | Max 30mA | | **Sound Pressure Level (SPL)** | $\ge$ 85dB at 10cm | | **Resonant Frequency** | 2400Hz $\pm$ 300Hz | | **Operating Temperature** | -20°C to +70°C | | **Type** | Washable / Pin Type (Through-hole) | --- ## 2. Key Electronic Components & Internal Structure The "MH" series is a magnetic type buzzer, which differs significantly from Piezoelectric buzzers. Its operation relies on electromagnetic induction. ### Internal Parts: 1. **Electromagnetic Coil:** A coil of fine copper wire wrapped around a core. When current flows, it creates a magnetic field. 2. **Permanent Magnet:** Provides a static magnetic bias to the system. 3. **Vibrating Diaphragm:** A thin metal disk (usually iron or steel) that is attracted to and released by the electromagnetic field. 4. **Housing (Case):** Specifically designed with an acoustic chamber to amplify the sound at the resonant frequency. 5. **Driver Circuit (If "FDG" variant):** The "FDG" suffix often indicates a **built-in drive circuit** (Active Buzzer). This means it only requires a DC voltage to produce sound, rather than an external oscillating signal. --- ## 3. Circuit Integration Since this is an active magnetic buzzer, it is polar-sensitive. The longer lead is usually the Positive (+). ### Implementation Example To control this part with a microcontroller (like an Arduino or ESP32), you should use a transistor to handle the current draw: ```cpp // Example: Simple Beep Logic int buzzerPin = 9; void setup() { pinMode(buzzerPin, OUTPUT); } void loop() { digitalWrite(buzzerPin, HIGH); // Turn buzzer ON delay(500); digitalWrite(buzzerPin, LOW); // Turn buzzer OFF delay(500); } ``` --- ## 4. Usage Considerations * **Washable Design:** The "-R" often denotes a "Washable" version, meaning it has a removable tab or seal over the sound hole. This allows the PCB to be cleaned with solvents after soldering without damaging the internal diaphragm. * **Back EMF Protection:** Because this is an inductive load (contains a coil), it is recommended to place a **Flyback Diode** (e.g., 1N4148) in parallel with the buzzer to protect your driving transistor from voltage spikes.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MH56FDG-R and a piezo buzzer?
    • ⤷ How do I identify the positive and negative terminals on this specific part?
    • ⤷ Can this buzzer produce different musical notes or just a single tone?