データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH57FAD-R

  • AI
    The **MH57FAD-R** is an integrated circuit (IC) primarily categorized as a **Magnetoresistive Random Access Memory (MRAM)** component, often produced by Everspin Technologies or associated partners. MRAM is a non-volatile memory technology that stores data using magnetic states rather than electric charges. --- ## 1. Core Technical Specifications The MH57FAD-R is designed for high-reliability applications where data integrity and speed are critical. | Feature | Specification | | :--- | :--- | | **Memory Type** | MRAM (Magnetoresistive RAM) | | **Density** | 4 Mb (Megabits) | | **Interface** | Parallel (often 8-bit or 16-bit configurations) | | **Operating Voltage** | Typically 3.3V | | **Data Retention** | >20 Years | | **Endurance** | Unlimited Read/Write Cycles | | **Package Type** | FBGA or TSOP options | --- ## 2. Key Electronic Characteristics ### Non-Volatility Unlike SRAM, which loses data when power is removed, the MH57FAD-R retains information without a battery or capacitor backup. This is achieved through the **Magnetic Tunnel Junction (MTJ)** structure within the chip. ### High Speed (SRAM Performance) It offers read/write cycle times comparable to standard asynchronous SRAM (typically 35ns to 45ns). This makes it a "drop-in" replacement for SRAM in systems that require instant-off capability. ### Magnetic Resistance As the name implies, it is inherently resistant to high radiation and magnetic interference compared to traditional Flash memory, making it suitable for aerospace or industrial environments. --- ## 3. Typical Pinout and Connection Structure The chip generally follows a standard JEDEC parallel memory pinout to ensure compatibility with microcontrollers and FPGAs. ```text Typical Interface Pins: - A0-A17: Address Inputs (for 4Mb density) - DQ0-DQ7: Data Inputs/Outputs - /E (CE): Chip Enable - /W (WE): Write Enable - /G (OE): Output Enable - VDD/VSS: Power Supply and Ground ``` --- ## 4. Common Applications Due to its unique electronic properties, the MH57FAD-R is used in specialized fields: * **Industrial Automation:** Storing critical state variables in PLC (Programmable Logic Controllers) to prevent data loss during sudden power failure. * **Aerospace:** Serving as reliable buffer memory in environments with high cosmic radiation. * **Medical Equipment:** Maintaining calibration data and patient settings that cannot risk corruption. * **Data Centers:** Functioning as a write-cache for RAID controllers. ---
    ✨ Follow-up Questions
    • ⤷ How does the power consumption of the MH57FAD-R compare to standard Flash memory?
    • ⤷ Can the MH57FAD-R be used as a direct replacement for 4Mb SRAM chips?
    • ⤷ What are the specific thermal operating ranges for this MRAM component?