データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH58FDD-R

  • AI
    The **MH58FDD-R** is a specific model of a **Mini Thermal Receipt Printer mechanism**, commonly integrated into handheld POS (Point of Sale) terminals, medical instruments, and portable labeling devices. Below is a detailed breakdown of its electronic components and technical specifications. --- ## 1. Core Technical Specifications The electronics of this module are designed for high-efficiency printing in small form factors. | Component/Feature | Specification | | :--- | :--- | | **Print Method** | Thermal Dot Line Printing | | **Operating Voltage** | 4.2V - 8.5V DC (Typically 7.4V Li-ion) | | **Current Consumption** | Peak 1.5A - 2.0A | | **Resolution** | 8 dots/mm (203 DPI) | | **Paper Width** | 58mm | | **Printing Width** | 48mm (384 dots/line) | | **Max Print Speed** | 70mm - 90mm/s (Variable based on voltage) | --- ## 2. Key Electronic Parts The MH58FDD-R consists of several integrated subsystems that manage power, logic, and physical movement. ### A. Thermal Print Head (TPH) The heart of the unit. It consists of a linear array of heating resistors. When current passes through a specific dot, it creates heat, which reacts with the thermal paper to produce an image. * **Protection:** Includes a **Thermistor** to monitor head temperature. If the head overheats, the logic controller throttles or stops printing to prevent burnout. ### B. Stepper Motor Control The mechanism uses a small bipolar stepper motor to advance the paper. * **Driver Requirements:** Requires an H-bridge motor driver (like the LB1836 or similar) to control the precise steps for paper feeding. * **Gear Ratio:** Optimized for high-torque, low-noise operation. ### C. Sensors To communicate status back to the host device, it includes: 1. **Paper End Sensor:** Usually a photo-interrupter that detects if paper is present in the feed path. 2. **Platen Release Switch:** Detects if the rubber roller (platen) is open or closed. ### D. Connector Interface The module typically uses a **Flexible Flat Cable (FFC)** or **Flexible Printed Circuit (FPC)** connection, usually with 20 to 30 pins. This interface handles: * Logic power (3.3V/5V) * Main power (VH) for the heaters * Clock, Data In, and Latch signals for the TPH * Motor phase signals --- ## 3. Pinout & Connectivity Logic The electronic communication follows a synchronous serial interface: 1. **Clock (CLK):** Synchronizes the data transfer. 2. **Data In (DI):** Serial input for the 384 dots per line. 3. **Latch (LAT):** Transfers the data from the shift registers to the heater elements. 4. **Strobes (STB):** Controls the duration of the heating pulse (Pulse Width Modulation) to manage print darkness. --- ## 4. Maintenance and Handling Precautions * **ESD Sensitivity:** The thermal head and internal circuitry are sensitive to Electrostatic Discharge. Always use grounding straps when handling. * **Residue:** Clean the thermal head with Isopropyl Alcohol (IPA) if white lines appear in the print. * **Voltage Sag:** Ensure the power supply can handle the peak current spikes during "black-heavy" printing, or the printer may reset.
    ✨ Follow-up Questions
    • ⤷ What is the standard pinout for the MH58FDD-R FPC connector?
    • ⤷ Which microcontroller is best suited to drive this thermal printer mechanism?
    • ⤷ How do I calculate the power consumption for a high-density print job?