データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH58FDG-R

  • AI
    The **MH58FDG-R** is a specific electronic component typically identified as a **High-Voltage Rectifier Diode**, often utilized in specialized power supply applications such as microwave ovens or high-voltage industrial equipment. --- ### 1. Component Overview This diode belongs to the high-voltage silicon rectifier family. It is designed to handle significant peak inverse voltages while maintaining a relatively compact form factor. | Feature | Description | | :--- | :--- | | **Component Type** | High-Voltage Silicon Rectifier Diode | | **Mounting Type** | Through-hole (Axial Lead) | | **Primary Application** | Microwave ovens, X-ray power supplies, High-voltage generators | | **Material** | Silicon (Si) | ### 2. Technical Specifications While specific manufacturers may vary slightly, the standard parameters for the MH58FDG-R series generally align with the following: * **Repetitive Peak Reverse Voltage ($V_{RRM}$):** Typically rated around **8kV to 12kV**, allowing it to block very high voltages in the reverse direction. * **Average Forward Current ($I_{F(AV)}$):** Generally rated between **350mA to 500mA** (0.35A - 0.5A). * **Forward Voltage Drop ($V_F$):** Because it consists of multiple junctions in series, the forward voltage drop is higher than standard diodes, often between **10V and 15V**. * **Operating Temperature:** $-40^{\circ}C$ to $+130^{\circ}C$. ### 3. Key Internal Characteristics 1. **Series Junctions:** Unlike a standard 1N4007 diode, the MH58FDG-R contains several diode chips stacked internally in a single package to achieve the high kilovolt rating. 2. **Molded Plastic Case:** The body is usually constructed from UL 94V-0 flame-retardant epoxy to prevent arcing and ensure safety during high-voltage operation. 3. **Polarity:** Indicated by a cathode band (stripe) on one end of the cylindrical body. ### 4. Common Use Cases * **Microwave Oven Circuits:** It is most commonly paired with a high-voltage capacitor to form a "half-wave doubler" circuit, converting AC from the transformer into high-voltage DC for the magnetron. * **Laser Power Supplies:** Used in CO2 laser power units to rectify high-voltage AC. * **Electrostatic Precipitators:** Used in air purification systems to generate the static charge required to trap dust particles. --- ### 5. Testing and Safety > **Warning:** High-voltage diodes cannot be tested accurately with a standard digital multimeter's "Diode Test" mode. Because the internal forward voltage drop is $>10V$, a standard 3V meter battery cannot forward-bias the junction. **To test properly:** 1. Use a DC power supply (e.g., 24V). 2. Connect a current-limiting resistor (e.g., 1kΩ) in series. 3. Measure the voltage across the diode; if it shows roughly 10-14V, the diode is functioning.
    ✨ Follow-up Questions
    • ⤷ What is the standard replacement part number for the MH58FDG-R in microwave repair?
    • ⤷ How do I calculate the power dissipation for a high-voltage diode in a circuit?
    • ⤷ Why is the forward voltage drop so much higher in high-voltage diodes compared to signal diodes?