データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH58TBD-R

  • AI
    The **MH58TBD-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are fundamental in power management circuits, specifically within DC-DC converters and voltage regulation modules. --- ### 1. Key Technical Specifications While exact specifications can vary slightly by manufacturer (often associated with brands like **Sunlord** or **Chilisin**), the "MH58" series generally follows these parameters: | Parameter | Typical Value / Description | |:---|:---| | **Component Type** | Shielded SMD Power Inductor | | **Dimensions** | Approx. 5.8mm x 5.8mm (Square base) | | **Height** | Usually 2.8mm to 4.5mm (depending on specific dash code) | | **Inductance Range** | Typically 1.0µH to 100µH | | **Shielding** | Magnetic Shielded (prevents EMI/Interference) | | **Core Material** | Ferrite | | **Termination** | RoHS compliant, Lead-free plating | --- ### 2. Breakdown of the Part Number Though naming conventions differ, the alphanumeric string usually represents: * **MH**: Series code (High current/Shielded type). * **58**: Physical size (5.0mm x 5.0mm to 5.8mm footprint). * **T**: Taping/Packaging (Reel for automated SMT placement). * **BD**: Internal design code or tolerance specification. * **R**: Generally denotes "RoHS Compliant" or a specific Inductance value/decimal point. --- ### 3. Electronic Functions and Applications This part is designed to store energy in a magnetic field. Its primary roles include: #### A. Power Conversion Used in **Buck** (Step-down) or **Boost** (Step-up) converters to smooth out current ripples, ensuring a stable voltage output for sensitive electronics. #### B. Filtering (EMI Suppression) Because it is **shielded**, it prevents electromagnetic interference from leaking out and affecting other components on the PCB, while also filtering high-frequency noise from the power line. #### C. Common Use Cases * **Laptops/Tablets:** Powering the CPU and GPU rails. * **Automotive Electronics:** Infotainment systems and LED lighting drivers. * **DC-DC Modules:** Compact power bricks and point-of-load converters. --- ### 4. Selection Considerations If you are looking for a replacement or designing with the MH58TBD-R, consider the following: 1. **DCR (DC Resistance):** Lower DCR reduces heat and increases efficiency. 2. **Saturation Current ($I_{sat}$):** The point where inductance drops by a specific percentage (usually 30%). Do not exceed this in your design. 3. **Temperature Rise Current ($I_{rms}$):** The current that causes a 40°C rise in component temperature.
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value for the 'BD-R' suffix in this series?
    • ⤷ Can this inductor be replaced with a non-shielded version of the same value?
    • ⤷ What are the recommended soldering temperature profiles for the MH58 series?