データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH61FBD-R

  • AI
    The **MH61FBD-R** is an industrial-grade motherboard manufactured by **IEI Integration Corp**. It is designed for high-performance computing in embedded environments, utilizing the Intel® H61 chipset to support Sandy Bridge and Ivy Bridge architectures. --- ### 1. Core Technical Specifications The following table highlights the primary electronic components and interfaces found on the board: | Component | Specification Details | | :--- | :--- | | **CPU Socket** | LGA1155 (Supports Intel® Core™ i7/i5/i3, Pentium®, Celeron®) | | **Chipset** | Intel® H61 | | **Memory** | 2 x 240-pin 1333/1066MHz DDR3 Dual-Channel (Max 16GB) | | **Ethernet** | Dual Realtek RTL8111E PCIe GbE controllers | | **Audio** | Realtek ALC662 HD Audio codec | | **Storage** | 4 x SATA 3Gb/s ports | | **Form Factor** | Micro-ATX (244mm x 244mm) | --- ### 2. Key Electronic Features The MH61FBD-R is engineered for durability and longevity, featuring specific hardware implementations: #### A. Power Management and Voltage Regulation * **Solid Capacitors:** The board typically uses high-quality solid capacitors around the CPU socket to ensure stable voltage regulation and prevent "capacitor plague" common in standard consumer boards. * **ATX/AT Power Support:** It supports both ATX (software-controlled) and AT (hard-switch) power modes, often selectable via onboard jumpers. #### B. Input/Output (I/O) Interfaces * **Serial Ports:** Unlike consumer boards, this model features multiple COM ports (RS-232/422/485), which are essential for connecting to PLC controllers and industrial machinery. * **Display Output:** Includes standard VGA and DVI-D outputs, supporting dual independent displays through the integrated Intel HD Graphics. * **Expansion Slots:** * 1 x PCIe x16 (for discrete GPUs or high-speed FPGA cards). * 1 x PCIe x1. * 2 x PCI slots (for legacy industrial interface cards). #### C. Industrial Reliability Features * **Watchdog Timer:** An onboard electronic timer that automatically resets the system if the software hangs or crashes. * **TPM Support:** Includes a 2x10 pin header for Trusted Platform Module (TPM) integration to enhance hardware-level security. --- ### 3. Electronic Environment Constraints Because this is an industrial part, its electronic components are rated for specific environmental conditions: * **Operating Temperature:** -10°C ~ 60°C. * **Humidity:** 5% ~ 95%, non-condensing. * **Power Consumption:** Typically 12V @ 0.43A (based on an Intel® Core™ i5-2400 with 4GB RAM).
    ✨ Follow-up Questions
    • ⤷ How do I configure the Watchdog Timer on the MH61FBD-R?
    • ⤷ What is the maximum RAM frequency supported when using an Ivy Bridge CPU?
    • ⤷ Can this motherboard run on a single 12V DC input or does it require a full ATX PSU?