データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH61FCG-R

  • AI
    The **MH61FCG-R** is an industrial-grade motherboard (SBC) manufactured by **DFI**, designed for embedded systems and automation. It is based on the **Intel H61 chipset** and supports the LGA1155 socket for 2nd and 3rd Generation Intel Core processors. --- ### Core Technical Specifications | Component | Specification | | :--- | :--- | | **Form Factor** | Mini-ITX (170mm x 170mm) | | **Chipset** | Intel® H61 Express Chipset | | **Processor Support** | Intel® Core™ i7/i5/i3 (LGA 1155) | | **Memory** | 2x 204-pin DDR3 SO-DIMM (Up to 16GB) | | **Graphics** | Integrated Intel HD Graphics via VGA/DVI-D | | **Ethernet** | 2x Realtek RTL8111DL PCIe Gigabit LAN | | **Audio** | Realtek ALC662 High Definition Audio | --- ### Key Electronic Subsystems #### 1. Power Delivery and Management The board utilizes a multi-phase VRM (Voltage Regulator Module) to ensure stable power delivery to the CPU. Unlike consumer boards, it is built with **Industrial-grade Solid Capacitors**, which offer a higher Mean Time Between Failures (MTBF) and can withstand higher operating temperatures (up to 60°C). #### 2. Storage and Connectivity Interfaces The electronic layout includes several high-speed and legacy data paths: * **SATA Ports:** 2x SATA 2.0 (3Gb/s) connectors. * **Expansion:** 1x PCIe x16 slot for dedicated graphics or high-speed FPGA/I/O cards. * **Serial Ports:** Includes multiple COM headers (RS-232/422/485), crucial for communicating with industrial PLC and sensors. #### 3. I/O Controller and BIOS * **Super I/O:** Typically utilizes a Nuvoton or Fintek controller to manage legacy ports (PS/2, Serial) and hardware monitoring (voltage, fan speed). * **Watchdog Timer:** A critical electronic feature that triggers a system reset if the software hangs, ensuring 24/7 operational reliability. --- ### Typical Use Cases * **Kiosks & Digital Signage:** Due to its small footprint and dual display support. * **Industrial Automation:** Utilizing the COM ports for machine control. * **Medical Equipment:** High reliability and long-term lifecycle support.
    ✨ Follow-up Questions
    • ⤷ What are the power supply requirements (ATX vs DC-in) for this specific motherboard?
    • ⤷ Does the MH61FCG-R support UEFI or legacy BIOS modes?
    • ⤷ What is the maximum operating temperature range for this board?