データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH62FBD-R

  • AI
    The **MH62FBD-R** is an integrated circuit (IC) primarily associated with automotive electronics, specifically utilized in Engine Control Units (ECUs) and body control modules. It is manufactured by **Renesas Electronics** (formerly Mitsubishi Electric/Hitachi). --- ### 1. Technical Specifications The MH62FBD-R is a highly integrated System-on-Chip (SoC) designed for embedded control. | Feature | Specification | | :--- | :--- | | **Manufacturer** | Renesas Electronics | | **Core Architecture** | RISC-based (typically M16C or H8 family derivative) | | **Package Type** | QFP (Quad Flat Package) | | **Application** | Automotive Engine Management, Transmission Control | | **Voltage Range** | 3.3V to 5V (standard Logic levels) | --- ### 2. Key Internal Components As an automotive-grade microcontroller, it contains several critical electronic sub-systems: * **CPU Core:** A high-speed processor capable of real-time calculations for fuel injection timing and ignition sparks. * **Flash Memory:** Internal non-volatile memory used to store the "Map" or firmware that dictates how the engine performs under different conditions. * **RAM:** Volatile memory for temporary sensor data processing (e.g., O2 levels, RPM, Throttle position). * **A/D Converters (Analog-to-Digital):** Converts analog signals from vehicle sensors (Temperature, Pressure) into digital data the processor can understand. * **Timer Units:** Specialized hardware for generating PWM (Pulse Width Modulation) signals to control fuel injectors and solenoids. --- ### 3. Common Usage and Common Issues This part is most famously found in **Mitsubishi** and **Mazda** ECUs from the late 1990s through the mid-2000s. #### Usage in ECU Repair In the automotive repair industry, the MH62FBD-R is often targeted during "cloning" or "remapping" procedures: 1. **Chip Tuning:** Modifying the data stored within the chip's internal flash to increase horsepower. 2. **Immobilizer Bypass:** Adjusting the code to bypass security handshakes if the original key is lost. #### Failure Modes * **Thermal Stress:** Due to its location in the engine bay, solder joints can crack (cold solder joints). * **Voltage Spikes:** If the vehicle's alternator fails, it can fry the input/output pins of the chip. --- ### 4. Comparison with Similar Parts The MH62 series often scales based on memory capacity and I/O pins. | Part Number | Primary Difference | | :--- | :--- | | **MH62FBD-R** | Standard Flash-based, Automotive grade. | | **MH8xxx Series** | Newer generation, higher clock speeds, larger Flash memory. |
    ✨ Follow-up Questions
    • ⤷ What are the pinout diagrams for the MH62FBD-R in a Mitsubishi ECU?
    • ⤷ Which programmers are compatible with reading/writing this specific chip?
    • ⤷ What are the common symptoms of a failing MH62FBD-R processor?