データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH64FBD-R

  • AI
    The **MH64FBD-R** is a specific electronic component, typically categorized as an **Electromagnetic Buzzer** (specifically a Magnetic Transducer). These components are widely used in automotive, industrial, and consumer electronics to provide audible feedback. Below is a detailed breakdown of its electronic parts, specifications, and internal structure. --- ## 1. Component Specifications The "MH" series generally refers to high-performance magnetic buzzers. The following table highlights the typical technical characteristics of this part class: | Parameter | Typical Value | | :--- | :--- | | **Type** | Magnetic Transducer (External Drive) | | **Rated Voltage** | 1.5V - 12V (Model dependent) | | **Operating Voltage** | 1.0V ~ 15V | | **Rated Current** | Max 40mA - 80mA | | **Sound Pressure Level (SPL)** | 85dB - 90dB @ 10cm | | **Resonant Frequency** | 2,000Hz - 2,700Hz | | **Mounting Type** | Through-hole (DIP) or SMD | --- ## 2. Internal Electronic Construction The MH64FBD-R functions based on electromagnetism. It does not have an internal oscillation circuit (making it a **transducer**, not an indicator), meaning it requires an external square wave signal to produce sound. ### Core Internal Parts: 1. **The Coil (Copper Winding):** A fine wire wrapped around a core. When current flows through, it generates a magnetic field. 2. **The Magnet:** A permanent magnet that provides a baseline magnetic flux. 3. **The Diaphragm:** A flexible metal disk (often containing an iron piece) that reacts to the magnetic field. 4. **Housing/Case:** Usually made of PBT (Polybutylene Terephthalate) or similar heat-resistant plastic to protect the internals. --- ## 3. Circuit Application Since the MH64FBD-R is a **passive** magnetic buzzer, you cannot simply apply DC voltage to get sound. You must use a driving circuit. ### Basic Driver Circuit Example Typically, a transistor is used as a switch to pulse the buzzer: ```python # Conceptual Logic for driving via Microcontroller (e.g., Arduino/ESP32) # The "R" in the part number often indicates Tape & Reel or specific Resistance. Digital_Pin -> Resistor -> Base of NPN Transistor Collector -> Buzzer (-) Emitter -> Ground Buzzer (+) -> VCC (e.g., 5V) ``` ### Key Considerations for Engineers: * **Flyback Diode:** Because the buzzer contains a coil (inductor), it is highly recommended to place a diode in parallel with the buzzer to prevent voltage spikes from damaging the driving transistor. * **Frequency Matching:** To achieve the maximum volume (SPL), the input square wave frequency must match the **Resonant Frequency** of the device. --- ## 4. Part Number Breakdown (Typical) * **MH:** Series Identifier (Magnetic High-output). * **64:** Physical dimensions or shell size code. * **FBD:** Specific functional features (e.g., Sealed for washing, Pin configuration). * **R:** Often denotes "RoHS Compliant" or "Tape & Reel" packaging.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an active buzzer and a passive transducer like the MH64FBD-R?
    • ⤷ How do I calculate the flyback diode requirements for this component?
    • ⤷ What is the optimal resonant frequency for the MH64 series to achieve maximum decibels?