データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH64FCD-R

  • AI
    The **MH64FCD-R** is a specific model of a **Mini High-Definition (HD) Camera Module**, frequently used in FPV (First Person View) drones, security surveillance, and industrial monitoring. It is characterized by its compact form factor and high-resolution imaging capabilities. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Image Sensor** | CMOS (typically 1/3" or 1/4" High Sensitivity) | | **Resolution** | 1000 TVL to 1200 TVL (Horizontal Lines) | | **Signal System** | PAL / NTSC (Switchable or fixed depending on region) | | **Lens** | 2.1mm / 2.5mm / 2.8mm (Wide Angle Options) | | **Power Input** | DC 5V - 12V | | **Dimensions** | 14mm x 14mm (Nano) or 19mm x 19mm (Micro) | --- ### 2. Core Electronic Components The module consists of several integrated electronic parts that work together to process optical data into a video signal: #### A. The Image Sensor The heart of the module is a **CMOS sensor**. Unlike older CCD sensors, this CMOS chip integrates the analog-to-digital converter (ADC) directly on the silicon, allowing for lower power consumption and faster frame rates. #### B. Digital Signal Processor (DSP) The DSP chip handles the "image tuning." Its primary functions include: * **Auto White Balance (AWB):** Correcting colors based on lighting conditions. * **Backlight Compensation (BLC):** Adjusting exposure so subjects aren't silhouettes against bright backgrounds. * **WDR (Wide Dynamic Range):** Balancing extremely bright and extremely dark areas in a single frame. #### C. Power Management Circuitry Because these modules are often powered by drone batteries (LiPo), they include small **voltage regulators** and **filter capacitors**. These components protect the sensitive CMOS sensor from electrical noise (spikes) caused by high-current motors. #### D. The Interface Connector Most MH64FCD-R modules use a **3-pin or 4-pin JST connector**: * **Red:** Power (VCC) * **Black:** Ground (GND) * **Yellow:** Video Out (Analog Composite) * **White (Optional):** Audio or OSD (On-Screen Display) control. --- ### 3. Application Use-Cases 1. **FPV Racing Drones:** Due to the low latency of the analog signal. 2. **Hidden Surveillance:** Small enough to be embedded in household objects. 3. **Robotics:** Used for basic computer vision or remote navigation. 4. **Reverse Cameras:** Used in automotive DIY projects due to the wide-angle lens. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between TVL and digital resolution like 1080p in these modules?
    • ⤷ How do I wire this camera to a standard FPV video transmitter?
    • ⤷ Can this module be upgraded with a different focal length lens?