データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH64TAD-R

  • AI
    The **MH64TAD-R** is a specialized electronic component, specifically a **Contactless Smart Card Reader/Writer Module**. It is widely utilized in industrial automation, security systems, and payment terminals to facilitate communication between a system and RFID (Radio Frequency Identification) tags or smart cards. --- ## 1. Core Technical Specifications The MH64TAD-R operates primarily within the High-Frequency (HF) spectrum. Below is a breakdown of its primary electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Operating Frequency** | 13.56 MHz | | **Interface Type** | RS-232C (Serial) or TTL (depending on sub-variant) | | **Supply Voltage** | 5V DC (typical) | | **Standard Supported** | ISO/IEC 14443 Type A & B | | **Antenna Type** | Integrated / Built-in Loop Antenna | | **Communication Speed** | 9600 bps to 115200 bps | --- ## 2. Key Electronic Sub-systems The module consists of several integrated circuits (ICs) and passive components that allow it to function as a bridge between a host controller and an RFID tag: ### A. RFID Transceiver IC The "brain" of the module is an RF chip (often from the NXP MFRC family or similar) that handles: * **Modulation/Demodulation:** Converting digital data into 13.56 MHz radio waves and vice versa. * **Anti-collision:** Allowing the reader to communicate with one specific card even if multiple cards are in the field. ### B. Microcontroller (MCU) The module includes a small onboard MCU that manages the **RS-232/TTL protocol**. It interprets commands from the host computer (like "Read Block 0") and translates them into the specific RF pulses required by the card. ### C. Antenna Design The MH64TAD-R features a PCB-etched induction coil. * **Inductive Coupling:** It creates an electromagnetic field. When a passive tag enters this field, the tag is powered by induction. * **Tuning Circuit:** Capacitors are used to tune the antenna to exactly 13.56 MHz to ensure maximum energy transfer and read range. --- ## 3. Pinout and Connectivity Communication with the MH64TAD-R is typically achieved through a 5-pin or 7-pin header: | Pin | Function | Description | | :--- | :--- | :--- | | **VCC** | Power | +5V Input | | **GND** | Ground | 0V Reference | | **TXD** | Transmit | Data out to Host | | **RXD** | Receive | Data in from Host | | **RESET** | Reset | Hardware reset pin (active low) | --- ## 4. Operational Workflow 1. **Polling:** The module constantly emits a 13.56 MHz signal. 2. **Activation:** A card enters the field, harvests power, and sends back its UID (Unique Identifier). 3. **Command Execution:** The host sends a command via the Serial interface (RS-232). 4. **Data Exchange:** The MH64TAD-R encrypts/decrypts the data as per the Mifare or ISO standards and returns the result to the host.
    ✨ Follow-up Questions
    • ⤷ What are the specific communication protocols supported by the MH64TAD-R beyond ISO 14443?
    • ⤷ How does the RS-232 interface handle power consumption in standby mode?
    • ⤷ Can the integrated antenna be bypassed for an external high-gain antenna?