データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH64TDG-R

  • AI
    Based on the model number **MH64TDG-R**, this component is a specific type of **Miniature Power Relay** manufactured by **NEC** (now part of **EM Devices / Tokin**). These relays are widely used in automotive electronics, particularly for controlling high-current loads in space-constrained environments. --- ### 1. General Specifications The MH64 series is designed for heavy-duty switching. Below are the typical technical parameters for this specific part number: | Feature | Specification | | :--- | :--- | | **Type** | Electromagnetic Relay | | **Contact Form** | 1 Form C (SPDT - Single Pole Double Throw) | | **Nominal Voltage** | 12V DC | | **Contact Material** | Silver Alloy (AgSnO2 or similar) | | **Switching Current** | Up to 25A - 30A (Application dependent) | | **Mounting Type** | Through-hole (PCB Mount) | | **Coil Resistance** | Approximately 160 $\Omega$ - 225 $\Omega$ | --- ### 2. Internal Components & Design The "Electronic Parts" within this relay consist of both mechanical and electrical elements: #### A. The Coil (Actuator) * **Winding:** Fine copper wire wound around a core. When current flows, it creates a magnetic field. * **Terminals:** Two pins dedicated to the 12V DC input trigger. #### B. The Contact System * **Stationary Contacts:** Fixed points for Normally Open (NO) and Normally Closed (NC) circuits. * **Movable Armature:** A spring-loaded metal plate that moves between the stationary contacts when the coil is energized. * **Arcing Protection:** The contacts are designed to withstand high-inrush currents, common in motors and lamps. #### C. The Housing * **Material:** Heat-resistant plastic (typically PBT) to withstand engine bay temperatures. * **Sealing:** Usually "Wash Tight" or flux-resistant, allowing the PCB to be cleaned after soldering without damaging the relay internals. --- ### 3. Common Applications The **MH64TDG-R** is frequently found in automotive control modules for: 1. **Power Windows:** Reversing motor polarity. 2. **Central Locking Systems:** Actuating door locks. 3. **Wiper Controls:** Switching between speeds or intermittent modes. 4. **Seat Adjustments:** High-torque motor control. --- ### 4. Part Number Breakdown (Typical) * **MH64:** Series identifier (Miniature High Power). * **T:** Contact Material/High Heat specification. * **DG:** Specific coil sensitivity or sealing type. * **-R:** Often denotes RoHS compliance or specific packaging (Reel/Tube).
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for the MH64TDG-R?
    • ⤷ How do I test if this relay is functioning correctly using a multimeter?
    • ⤷ What is the maximum operating temperature for this relay?