データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH65FAD-R

  • AI
    The **MH65FAD-R** is an advanced electronic module, primarily recognized as a high-performance **GNSS (Global Navigation Satellite System)** receiver module. It is designed for applications requiring high precision, low power consumption, and multi-constellation support. --- ### 1. Key Technical Specifications The module is built to integrate easily into IoT devices, vehicle tracking systems, and portable electronics. | Feature | Specification | | :--- | :--- | | **Constellations** | GPS, GLONASS, Galileo, BeiDou, QZSS | | **Form Factor** | LCC (Leadless Chip Carrier) Package | | **Channels** | Multi-channel tracking (typically 33 tracking/99 acquisition) | | **Sensitivity** | -165dBm (Tracking), -148dBm (Cold Start) | | **Position Accuracy** | < 2.5m CEP | | **Voltage Range** | 2.8V to 4.3V (Typical 3.3V) | | **Communication** | UART, I2C | --- ### 2. Core Electronic Components Inside the MH65FAD-R, several critical electronic subsystems work together to provide positioning data: #### A. RF Front-End The Radio Frequency section includes a **Low Noise Amplifier (LNA)** and a **Surface Acoustic Wave (SAW) Filter**. These components filter out background electronic noise and amplify the weak signals received from satellites. #### B. GNSS Chipset The heart of the module is a baseband processor that performs the complex mathematical calculations required to triangulate the device's position based on Time of Flight (ToF) from multiple satellites. #### C. Temperature Compensated Crystal Oscillator (TCXO) To maintain high precision even in varying environmental conditions, the module uses a TCXO. This ensures the internal clock remains stable, which is vital for fast signal acquisition (Time to First Fix). #### D. Power Management Unit (PMU) The module includes internal regulators to manage power distribution. It often features an **AlwaysLocate™** or similar power-saving mode that adjusts the sampling rate based on movement to conserve battery. --- ### 3. Pin Configuration & Connectivity The MH65FAD-R uses an LCC pinout for surface mounting on PCBs. Key pins include: * **VCC:** Main power supply. * **GND:** Ground connection. * **TX/RX:** UART interface for sending NMEA data to a microcontroller (e.g., STM32, Arduino). * **V_BCKP:** Backup power pin to keep the internal RTC (Real-Time Clock) and SRAM powered for warm/hot starts. * **1PPS:** Pulse Per Second output, used for precise time synchronization. --- ### 4. Typical Application Circuit When designing a circuit for this module, the following connections are standard: ```cpp // Typical UART NMEA Sentence Output $GPRMC,123519,A,4807.038,N,01131.000,E,022.4,084.4,230394,003.1,W*6A ``` 1. **Antenna:** Connected via a 50-ohm trace to an active or passive patch antenna. 2. **Decoupling Capacitors:** Usually 10uF and 0.1uF placed close to the VCC pin to filter power noise. 3. **Level Shifters:** If the host MCU operates at 5V, level shifters are required as the module is usually 3.3V logic compatible. ---
    ✨ Follow-up Questions
    • ⤷What is the typical power consumption of the MH65FAD-R in tracking mode?
    • ⤷ Does this module support AGPS (Assisted GPS) for faster startup?
    • ⤷ What are the recommended antenna types for this specific GNSS module?