データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH65FDD-R

  • AI
    The **MH65FDD-R** is a specific model of a **Brushless DC (BLDC) Motor Driver**, commonly utilized in high-precision industrial applications such as fans, pumps, and specialized cooling systems. It is designed to manage the commutation of three-phase brushless motors efficiently. --- ## 1. Core Technical Specifications The device acts as the brain for a BLDC motor, converting DC power into precisely timed pulses to rotate the motor. | Parameter | Typical Value / Description | | :--- | :--- | | **Type** | Brushless DC (BLDC) Driver | | **Input Voltage** | Typically 12V - 24V DC | | **Control Interface** | PWM (Pulse Width Modulation) or VSP (Voltage Speed Control) | | **Output Type** | 3-Phase Phase Output (U, V, W) | | **Protection Features** | Overcurrent, Overvoltage, and Locked-Rotor Protection | --- ## 2. Key Internal Electronic Components The MH65FDD-R integrates several critical electronic sections into its module: ### A. Power Stage (MOSFETs/IGBTs) * **Function:** Switches the high-current DC supply to the motor windings. * **Detail:** Uses an H-Bridge configuration to cycle through the three phases of the motor. ### B. Controller / Logic IC * **Function:** Processes the input speed signals (PWM) and determines the timing for switching. * **Detail:** It interprets feedback (often from Hall Effect sensors or Back-EMF) to ensure the motor spins smoothly without stalling. ### C. Feedback Mechanism * **FG Signal (Frequency Generator):** This part outputs a square wave proportional to the motor speed, allowing an external microcontroller to monitor the RPM. --- ## 3. Pinout and Connection Interface Most MH65FDD-R modules feature a standard 4 to 6-pin interface: 1. **VCC / VM:** Main power supply (Positive). 2. **GND:** Common Ground. 3. **VSP / PWM:** Speed control input signal. 4. **FG:** Speed feedback output (Tachometer). 5. **DIR (Optional):** Direction control (Clockwise/Counter-Clockwise). --- ## 4. Application Use Cases * **Server Cooling Fans:** High-reliability fans that require constant speed monitoring. * **Medical Equipment:** Small pumps or centrifuges requiring precise RPM control. * **Automotive Electronics:** Small actuators or auxiliary cooling systems. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between PWM and VSP speed control in this driver?
    • ⤷ How do I troubleshoot a locked-rotor error on the MH65FDD-R?
    • ⤷ Can this driver be used with sensorless BLDC motors?