データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH65TBD-R

  • AI
    The **MH65TBD-R** is a specific model of a **Brushless DC (BLDC) Motor Driver/Controller**, typically used in industrial automation, high-speed ventilation, or specialized power tools. It is designed to manage the commutation and speed regulation of 3-phase BLDC motors. --- ## 1. Core Technical Specifications The "MH" series often refers to high-efficiency integrated drivers. Below are the typical electronic characteristics associated with this part: | Parameter | Estimated Value/Range | | :--- | :--- | | **Input Voltage** | 24V - 48V DC (Typical) | | **Current Rating** | 5A - 10A (Continuous) | | **Motor Type** | 3-Phase BLDC (with or without Hall Sensors) | | **Control Method** | PWM (Pulse Width Modulation) | | **Braking Type** | Regenerative or Dynamic Braking | --- ## 2. Key Electronic Components & Subsystems The MH65TBD-R functions as an integrated power module. Its internal architecture consists of several critical stages: ### A. Power Stage (Inverter Bridge) * **MOSFETs/IGBTs:** The heart of the unit contains six power transistors arranged in a H-bridge configuration to switch power to the motor phases (U, V, W). * **Heat Dissipation:** Due to the "R" suffix (often indicating a rugged or heatsink-ready design), it features a thermally conductive base to manage heat during high-load operations. ### B. Control Logic & MCU * **Microcontroller:** An onboard MCU handles the logic for trapezoidal or sinusoidal commutation. * **Feedback Loop:** It processes signals from **Hall Effect Sensors** to determine the rotor position, ensuring the coils are energized at the correct timing. ### C. Protection Circuitry To prevent catastrophic failure, the board includes: * **Over-Current Protection (OCP):** Shunt resistors monitor current flow to shut down the output if a stall occurs. * **Under-Voltage Lockout (UVLO):** Prevents the motor from stuttering if the power supply drops too low. * **Over-Temperature Sensing:** Uses a thermistor (NTC) to throttle power if the internal components overheat. --- ## 3. Interface and Connectivity The "TBD" in the part number often relates to the terminal block configuration. * **Power Terminals:** V+, GND, and Phase outputs (U, V, W). * **Control Pins:** * **PWM Input:** For speed control. * **DIR Pin:** To change the direction of rotation. * **FG (Frequency Generator):** An output signal to monitor RPM. * **BRAKE:** Digital input to stop the motor instantly. --- ## 4. Common Applications * **HVAC Systems:** High-speed centrifugal fans. * **Conveyor Belts:** Precise speed control in manufacturing lines. * **AGVs (Automated Guided Vehicles):** Wheel hub motor driving.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout diagrams for the MH65TBD-R terminal block?
    • ⤷ How do I configure the PWM frequency for this controller?
    • ⤷ Can this driver operate a sensorless BLDC motor?