データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH67TBD-R

  • AI
    The **MH67TBD-R** is a specific technical part number often associated with heavy-duty automotive or industrial systems, specifically **Mitsubishi Fuso** or related diesel engine control components. It is commonly identified as a **Glow Plug Control Unit (GPCU)** or a **Timer Relay**. Below is a detailed breakdown of the electronic parts and functional architecture of this module. --- ### 1. General Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Glow Plug Relay / Timer Control Unit | | **Primary Voltage** | 24V DC (Standard for heavy-duty trucks) | | **Application** | Mitsubishi Fuso Canter / Industrial Diesel Engines | | **Function** | Controls pre-heating and post-heating of engine glow plugs | | **Enclosure** | High-temperature resistant plastic or metal housing | --- ### 2. Internal Electronic Architecture The MH67TBD-R is an analog/digital hybrid controller. Its internal circuitry typically consists of the following sections: #### A. Power Switching (Relay) The core of the unit is a **High-Current Electromagnetic Relay**. * **Purpose:** To switch the high amperage (often 40A to 80A) required to heat the glow plugs. * **Material:** Silver-alloy contacts are used to prevent carbon buildup and welding under high heat. #### B. Timing Circuit (IC or RC Network) The "T" in the part number often refers to the **Timer** functionality. * **Logic:** It uses a comparator circuit (like an LM2901 or similar automotive-grade IC) or a dedicated microcontroller. * **Operation:** It senses the ignition "ON" signal and activates the relay for a predetermined duration (e.g., 5 to 20 seconds) based on environmental temperature. #### C. Input Sensing Components To operate efficiently, the internal electronics process several inputs: 1. **Terminal 15 (Ignition):** Triggers the start of the timing cycle. 2. **Terminal 50 (Starter):** Often used to cut power to the glow plugs while the starter motor is drawing maximum current to protect the battery. 3. **Temperature Sensor Input:** Connected to an NTC (Negative Temperature Coefficient) thermistor to adjust heating time. #### D. Protection Electronics * **Flyback Diode:** Placed across the relay coil to suppress voltage spikes when the magnetic field collapses. * **Zener Diodes:** Used for voltage regulation to protect the internal logic from alternator surges. --- ### 3. Pinout Configuration (Typical) While configurations can vary by year, the standard layout for this series includes: | Pin Label | Function | Connection Point | | :--- | :--- | :--- | | **30** | Battery Positive (+) | Direct link to Battery via Fuse | | **87** | Output to Glow Plugs | High-current feed to the plugs | | **86** | Trigger / Switch | Ignition Switch (Key position) | | **85** | Ground (-) | Chassis Ground | | **T / L** | Indicator / Lamp | Dashboard "Wait to Start" light | --- ### 4. Common Failure Modes Due to the mechanical nature of the relay and the thermal stress on the circuit board: * **Contact Pitting:** The high-current relay contacts wear out, leading to intermittent starting issues. * **Solder Joint Fatigue:** Vibration causes the heavy relay pins to crack the solder joints on the PCB. * **Capacitor Aging:** Electrolytic capacitors inside the timer circuit may dry out, causing the glow plugs to stay on too long or not long enough. ---
    ✨ Follow-up Questions
    • ⤷ What are the symptoms of a failing MH67TBD-R unit in a vehicle?
    • ⤷ How do you test the internal relay of this unit using a multimeter?
    • ⤷ Is there a direct 12V equivalent for this 24V part?