データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH71FAD-R

  • AI
    The **MH71FAD-R** is a specialized electronic component, primarily recognized as a high-performance **Brushless DC (BLDC) Fan Motor Driver** or a **Microcontroller-based Motor Controller**, frequently utilized in industrial cooling and automotive applications. --- ## 1. Core Specifications & Characteristics The MH71FAD-R is designed to drive three-phase brushless motors with high efficiency and low acoustic noise. | Feature | Description | | :--- | :--- | | **Type** | Brushless DC (BLDC) Motor Driver / Controller | | **Phases** | 3-Phase sensorless or Hall-effect integrated drive | | **Operating Voltage** | Typically optimized for 12V to 24V DC systems | | **Control Method** | Pulse Width Modulation (PWM) for speed control | | **Protection** | Over-current, Over-temperature, and Locked-rotor protection | --- ## 2. Key Electronic Components & Integration To function within a circuit, the MH71FAD-R typically interacts with the following internal and external parts: ### A. The Power Stage (MOSFETs) The chip controls an H-Bridge or a 3-phase bridge consisting of N-Channel MOSFETs. These switch the high-current power to the motor windings. ### B. Feedback Loop (Hall Sensors) It often includes inputs for Hall Effect sensors to detect the rotor position, ensuring smooth startup and high torque at low speeds. ### C. Speed Control (PWM Input) The "FAD" suffix often denotes advanced diagnostic and speed control features: * **PWM Pin:** Receives a signal from a Master MCU to determine RPM. * **FG (Frequency Generator):** Outputs a square wave signal back to the system to report actual motor speed. --- ## 3. Common Applications Due to its reliability and compact form factor, it is found in: 1. **Server Cooling Fans:** High-RPM fans that require precise speed regulation. 2. **Automotive HVAC:** Small actuators and blowers within vehicle climate control. 3. **Industrial Equipment:** Constant-run cooling for power supplies and CNC electronics. --- ## 4. Typical Pinout Configuration *Note: Specific pin numbering depends on the package (e.g., SSOP or QFN).* * **VCC:** Main power supply. * **GND:** System ground. * **OUT1/2/3:** Outputs to the motor coils. * **PWM:** Speed control input signal. * **FG/RD:** Speed feedback or Rotation Detection (Alarm).
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for the MH71FAD-R?
    • ⤷ Can you provide a basic wiring diagram for this motor driver?
    • ⤷ What is the maximum current rating for the MH71FAD-R?