データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH71FCD-R

  • AI
    The **MH71FCD-R** is a specific model of a **Rotary Encoder**, commonly used in automotive and high-end consumer electronics (such as car audio systems or luxury appliances). It functions as an electromechanical device that converts the angular position or motion of a shaft into analog or digital signals. --- ### 1. Key Technical Specifications Below are the typical specifications for the MH71FCD-R series: | Feature | Specification | | :--- | :--- | | **Type** | Incremental Rotary Encoder | | **Output** | 2-bit Gray Code (A and B signals) | | **Detents** | Usually 30 or 36 detents per 360° | | **Pulses** | 15 or 18 pulses per rotation | | **Switch Integration** | Push-on momentary switch (optional depending on suffix) | | **Mounting Type** | Through-hole (PCB) | | **Rotational Life** | 30,000 to 100,000 cycles | --- ### 2. Electronic Components & Internal Design The device consists of several critical internal parts: 1. **The Coded Disc:** A rotating plate with conductive and non-conductive segments. 2. **Sliding Contacts (Brushes):** Physical wipers that touch the disc to complete the circuit. 3. **Detent Mechanism:** A leaf spring and "star wheel" that provides the tactile "click" feel. 4. **Terminals:** Usually 3 main pins (Channel A, Common/Ground, Channel B) and 2 additional pins if the push-switch is integrated. --- ### 3. Circuit Operation The MH71FCD-R works on the principle of **Quadrature Encoding**. - **Phase Difference:** Signal A and Signal B are offset by 90 degrees. - **Direction Detection:** - If A leads B, the rotation is Clockwise (CW). - If B leads A, the rotation is Counter-Clockwise (CCW). #### Basic Connection Diagram ```cpp // Typical Arduino-style pinout for this encoder #define CLK_PIN 2 // Channel A #define DT_PIN 3 // Channel B #define SW_PIN 4 // Push Switch ``` --- ### 4. Common Applications Due to its robust design and compact form factor, the MH71FCD-R is found in: * **Car Radios:** Volume control and menu navigation. * **Home Appliances:** Temperature or timer settings on ovens/microwaves. * **Test Equipment:** Adjusting voltage or frequency on oscilloscopes. ---
    ✨ Follow-up Questions
    • ⤷What is the pinout diagram for the MH71FCD-R encoder?
    • ⤷ How do I implement debouncing for this specific encoder in software?
    • ⤷ Is there a direct replacement or equivalent for the MH71FCD-R?