データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MH74FBD-R

  • AI
    The **MH74FBD-R** is an automotive-grade, high-performance micro-motor driver module typically utilized in Side Rear View Mirror (SRVM) control systems. It is characterized by its compact design and high reliability under harsh environmental conditions. ### 1. Technical Overview The MH74FBD-R is an integrated H-Bridge driver assembly designed to manage the positioning (tilt and fold) of automotive side mirrors. | Parameter | Description | | :--- | :--- | | **Component Type** | Automotive Actuator Driver / Micro-Motor Assembly | | **Primary Application** | Side Rear View Mirror (Fold/Tilt) | | **Operating Voltage** | 9V to 16V DC (Standard Automotive Rail) | | **Typical Load** | DC Brushed Micro-motors | | **Connector Type** | Multi-pin Header (Rigid-to-Flex or Wire-to-Board) | --- ### 2. Key Electronic Features #### A. H-Bridge Architecture The module utilizes an internal H-Bridge circuit. This allows the electronic control unit (ECU) to: * **Reverse Polarity:** Switch the direction of the motor to move the mirror glass up/down or left/right. * **Braking:** Short the motor terminals to provide instantaneous stopping and prevent "drift" or vibration during driving. #### B. Over-Current Protection (OCP) Since mirror motors can reach a "stall" condition (when the mirror reaches its physical limit), the MH74FBD-R includes current sensing. If the current spikes beyond a specific threshold, the driver throttles or cuts power to prevent the motor windings from burning out. #### C. EMI/EMC Suppression Automotive environments are electrically noisy. This part usually incorporates: * **Bypass Capacitors:** To filter high-frequency noise generated by the motor brushes. * **Inductors/Ferrite Beads:** To prevent the module from interfering with the vehicle's AM/FM radio or internal BUS communications. --- ### 3. Pin Configuration & Connectivity While specific pinouts can vary by manufacturer implementation, the standard configuration for this series includes: 1. **VCC (Power):** Connection to the 12V battery/fused line. 2. **GND (Ground):** Chassis ground. 3. **Control Input A/B:** Logic level signals from the mirror switch or Door Control Module. 4. **Motor Output +/-:** The driven power lines connected directly to the internal micro-motor. --- ### 4. Typical Applications * **Power Folding:** Retracting the mirror housing toward the car body when parked. * **Mirror Dimming/Adjustment:** Precise positioning of the reflective glass for driver visibility. * **Memory Positioning:** In high-end vehicles, it works in tandem with a potentiometer to return the mirror to a stored user profile.
    ✨ Follow-up Questions
    • ⤷ What are the common failure modes for the MH74FBD-R in automotive environments?
    • ⤷ Does this component require a specific PWM frequency for speed control?
    • ⤷ Are there pin-compatible alternatives to the MH74FBD-R?